Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7121 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # PAC7121
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7121 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button PAC7121 Datasheet HTML 5Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 6Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 7Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 8Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 9Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 10Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 11Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 12Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
ElectricalCharacteristics
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Freescale Semiconductor
9
Note that the JEDEC specification reserves the symbol RθJA or θJA (Theta-JA) strictly for junction-to-
ambient thermal resistance on a 1s test board in natural convection environment. RθJMA or θJMA
(Theta-JMA) will be used for both junction-to-ambient on a 2s2p test board in natural convection and for
junction-to-ambient with forced convection on both 1s and 2s2p test boards. It is anticipated that the
generic name,
θ
JA, will continue to be commonly used.
The average chip-junction temperature (TJ) in °C is obtained from the formula:
Eqn. 1
where
The total power dissipation is calculated as:
Eqn. 2
where
Two cases must be considered for PINT:
1. Internal voltage regulator enabled:
Eqn. 3
2. Internal voltage regulator disabled (VDDR = VSSR = system ground):
Eqn. 4
PIO is the sum of all output currents on input/output pins associated with VDDX:
Eqn. 5
where
Eqn. 6
or
Eqn. 7
Table 10. Thermal Resistance 1/8 Simulation Model Packaging Parameters
Component
Conductivity
Mold Compound
0.9 W/m K
Leadframe (Copper)
263 W/m K
Die Attach
1.7 W/m K
T
J
T
A
P
D
Θ
JA
⋅
+
=
T
J
Junction Temperature (
°C)
=
T
A
Ambient Temperature (
°C)
=
P
D
Total Chip Power Dissipation (W)
=
Θ
JA
Package Thermal Resistance (
°C/W)
=
P
D
P
INT
P
IO
+
=
P
INT
Chip Internal Power Dissipation (W)
=
P
IO
Input / Output Power Dissipation (W)
=
P
INT
I
DDRVDDR
×
()
I
DDAVDDA
×
()
+
=
P
INT
I
DD2.5
V
DD2.5
×
()
I
DDPLL
V
DDPLL
×
()
I
DDAVDDA
×
()
++
=
P
IO
R
DSON
i
∑
I
IO
i
()2
⋅
=
R
DSON
V
OL
I
OL
--------- (for outputs driven low)
=
R
DSON
V
DDXVOH
–
I
OL
------------------------------- (for outputs driven high)
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com