Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7121 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # PAC7121
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7121 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button PAC7121 Datasheet HTML 3Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 4Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 5Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 6Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 7Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 8Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 9Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 10Page - Freescale Semiconductor, Inc PAC7121 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
ElectricalCharacteristics
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Freescale Semiconductor
7
3.4.2
Oscillator Pins
The pins XFC, EXTAL, XTAL are dedicated to the oscillator and operate at a nominal level of 2.5V.
3.5
Input/Output Characteristics
This section describes the characteristics of all I/O pins in both 3.3 V and 5 V operating conditions. All
parameters are not always applicable; for example, not all pins feature pull up/down resistances.
Table 8. 5.0 V I/O Characteristics
Conditions shown in Table 7 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
D1a
P Input High Voltage
V
IH
0.65
×
VDD5
1
NOTES:
1. Refer to Section 3.7, “Power Supply,” for definition of VSS5 and VDD5.
——
V
D1b
T Input High Voltage
VIH
——
VDD5 +
0.3 1
V
D2a
P Input Low Voltage
V
IL
—
—
0.35
×
VDD5
1
V
D2b
T Input Low Voltage
VIL
VSS5 –
0.3 1
——
V
D3
C Input Hysteresis
V
HYS
—250
—
mV
D4
P Input Leakage Current
(pins in high impedance input mode)
V
in
= V
DD
5 or V
SS
5 1
I
in
–1 2
2. Maximum leakage current occurs at maximum operating temperature. Current decreases by approximately one-half
for each 8°C to 12°C in the temperature range from 50°C to 125°C.
—1 2
μA
D5
P Output High Voltage (pins in output mode)
Partial Drive IOH = –2mA
Full Drive IOH = –10mA
V
OH
VDD5 –
0.8
——
V
D6
P Output Low Voltage (pins in output mode)
Partial Drive IOL = +2mA
Full Drive IOL = +10mA
V
OL
——
0.8
V
D7
P Internal Pull Up Device Current,
tested at V
IL
Max.
IPUL
—
—
–130
μA
D8
P Internal Pull Up Device Current,
tested at V
IH
Min.
IPUH
–10
—
—
μA
D9
P Internal Pull Down Device Current,
tested at V
IH
Min.
IPDH
——
130
μA
D10
P Internal Pull Down Device Current,
tested at V
IL
Max.
IPDL
10
—
—
μA
D11
D Input Capacitance
Cin
—6—
pF
D12
T Injection current 3
Single Pin limit
Total Device Limit. Sum of all injected currents
3. Refer to Section 3.7.1, “Current Injection,” for more details
IICS
IICP
–2.5
–25
—
2.5
25
mA
D13
P Port Interrupt Input Pulse filtered 4
4. Parameter only applies in STOP or Pseudo STOP mode.
tPULSE
——
3
μs
D14
P Port Interrupt Input Pulse passed 4
tPULSE
10
—
—
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com