Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PLC68I-R Datasheet(PDF) 26 Page - InnovASIC, Inc

Part # IA88C00-PLC68I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PLC68I-R Datasheet(HTML) 26 Page - InnovASIC, Inc

Back Button IA88C00-PLC68I-R Datasheet HTML 22Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 23Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 24Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 25Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 26Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 27Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 28Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 29Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 30Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 26 of 80
1.888.824.4184
Figure 20. Counter 0 Control Register (C0CT), R224 Bank 0
Bit
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Initial Value
X
X
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D0 - When this bit is set to 1, the counter/timer is enabled. Operation begins on the rising edge of the first
processor clock period following the setting of this bit from a previously cleared value. Writing a 1 in this
field when the previous value was 1 has no effect on the operation of the counter/timer. When this bit is
cleared to 0, the counter/timer performs no operation during the next (and subsequent) processor clock
periods. A hardware reset forces this bit to 0.
Both counters are clocked by the rising edge of the incoming signal on P26 or p36 after the counter is
enabled. The maximum frequency of the external clock signal applied to P36 (or P26) equals the
maximum Xtal frequency divided by 4. The maximum gauaranteed Xtal frequency is 20 MHz, which
implies a maximum counter frequency of 5 MHz.
D1 - Reset/End of Count Status - This bit is set to 1 each time the counter reaches 0. Writing a 1 to this
bit resets it, while writing a 0 has no effect.
D2 - Zero Count Interrupt Enable - When this bit is set to 1, the counter/timer generates an interrupt
request when it counts to 0. A hardware reset forces this bit to 0.
D3 - Software Capture - When this bit is set to 1, the current counter value is loaded into the capture
register. This bit is automatically cleared following the capture.
D4 - Software Trigger - This bit is effectively "ORed" with the external rising-edge trigger input and can
be used by the software to force a trigger signal. This bit produces a trigger signal regardless of the setting
of the Input Pin Assignment field of the Mode register. This bit is automatically cleared following the
trigger.
D5 - Load Counter - The contents of the Time Constant register are transferred to the Counter prescaler
one clock period after this bit is set. This operation alone does not start the counter. This bit is
automatically cleared following the load.
D6 - Count Up/Down - This bit determines the count direction if internal up/down control is specified in
the Mode register. 1 indicates up; 0 indicates down.
D7 - Continuous/Single Cycle - When this bit is set to 1, the counter is reloaded with the time-constant
value when the counter reaches the end of the terminal count. The terminal count for down counting is
0000, while the one for up counting is FFFF. When this bit is cleared to 0, no reloading occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com