Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PLC68I-R Datasheet(PDF) 69 Page - InnovASIC, Inc

Part # IA88C00-PLC68I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PLC68I-R Datasheet(HTML) 69 Page - InnovASIC, Inc

Back Button IA88C00-PLC68I-R Datasheet HTML 65Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 66Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 67Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 68Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 69Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 70Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 71Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 72Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 73Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG21 1 030617-04
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 69 of 80
1.888.824.4184
Figure 65. 20 MHz Timing
No.
Symbol
Normal
Min
Max
Extended
Min
Max
1
TdA (AS)
25
70
2
ThAS (A)
25
70
3
TdAS (DI)
180
375
4
TwAS
35
85
5
TdAZ (DSR)
0
0
6
TwDSR
140
285
7
TwDSW
85
185
8
TdDSR (DI)
115
260
9
ThDSR (DI)
0
0
10
TdDS (A)
25
25
11
TdDS (AS)
20
65
12
TdR/W (AS)
25
70
13
TdDS (R/W)
20
65
14
TdDO (DSW)
30
70
15
ThDSW (DO)
20
65
16
TdA (DI)
205
445
17
TdAS (DSR)
25
70
18
TsDI (DSR)
25
65
19
TdDM (AS)
20
65
20
TdDS (DM)
20
65
21
ThDS (A)
20
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com