Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PLC68I-R Datasheet(PDF) 73 Page - InnovASIC, Inc

Part # IA88C00-PLC68I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PLC68I-R Datasheet(HTML) 73 Page - InnovASIC, Inc

Back Button IA88C00-PLC68I-R Datasheet HTML 69Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 70Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 71Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 72Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 73Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 74Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 75Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 76Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 77Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG21 1 030617-04
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 73 of 80
1.888.824.4184
1
4
DATA IN
DAV IN
5
Figure 69. Strobed Mode (Input Handshake)
AC Electrical Characteristics
Input Handshake
No.
Symbol
Parameter
Min
Max
Notes*†
1
TsDI(DAV)
Data In to Setup Time
0
2
TdDAVlf(RDY)
/DAV Fall Input to RDY Fall Delay
200
1
3
ThDI(RDY)
Data In Hold Time from RDY Fall
0
4
TwDAV
/DAV In Width
45
5
ThD(DAV)
Data In Hold Time from /DAV Fall
130
6
TdDAV(RDY)
/DAV Rise Input to RDY Rise Delay
100
2
7
TdRDYf(DAV)
RDY Rise Output to /DAV Rise Delay
0
NOTES
1.
Standard Test Load
2.
This time assumes user program reads data before /DAV Input goes High. RDY will not go high before data is read.
*
Times are given in nanoseconds.
†
Times are preliminary and subject to change.
Output Handshake Timing
1
2
3
4
DATA OUT
DAV OUT
RDY IN
5
Figure 70. Fully Interlocked Mode (Output Handshake)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com