Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PLC68I-R Datasheet(PDF) 59 Page - InnovASIC, Inc

Part # IA88C00-PLC68I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PLC68I-R Datasheet(HTML) 59 Page - InnovASIC, Inc

Back Button IA88C00-PLC68I-R Datasheet HTML 55Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 56Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 57Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 58Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 59Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 60Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 61Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 62Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 63Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG21 1 030617-04
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 59 of 80
1.888.824.4184
The IA88C00 also supports user-defined stacks. These stacks are accessed via the PUSHUI, POPUD,
LDEI and LDEPD instructions.
Counter/Timers
The IA88C00 provides two identical 16 bit timer/counters with an 8-bit prescaler. The counters are driven
from a divide-by-4 clock derived from the oscillator. Each count provides robust functionality including:
•
Up or down count
•
Single or continuous count
•
Output pulse train with variable duty cycle
•
Input capture
•
External gating/triggering
For longer events, the counters may be cascaded to form a 32-bit counter. For program model details see
registers R224 through R230.
DMA
The IA88C00 supports high speed data transfer support for the UART and handshake channel 0 via
Direct Memory Access (DMA). Data can be transferred between these peripherals and contiguous
locations in either the register file or external data memory. For details on the programming model see
registers R235 (UART transmit control) R236 (UART receive control), R244 (Handshake Channel 0
Control) and R240/241, Bank 1 (DMA Count).
WDT
The IA88C00 provides a “Watchdog” (WDT) timer to provide sanity checks on the processor. Should
program execution hang, the WDT timeout will expire and the RESET pin will be held active for 5 ms.
The WDT is prevented from timing out by periodically writing a “1” to bit D5 in the WDT/SMR register.
The WDT clock is derived from either an internal ring oscillator or from the crystal oscillator input. It
should be noted that the frequency of the internal oscillator and associated WDT time-out can vary widely
(as much as 3 times) with voltage and temperature. For details on the WDT programming model see
register R230 (WDT/SMR register).
Stop Mode
When a STOP instruction is executed, the process enter Stop Mode. During Stop mode, the system clock
and external oscillator are disabled. Stop Mode is exited via a hard reset, or by applying an edge to a pre-
defined bit of either Port 2, 3, or 4. For details on the Stop Mode programming model see register R230
(WDT/SMR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com