Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PLC68I-R Datasheet(PDF) 34 Page - InnovASIC, Inc

Part # IA88C00-PLC68I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PLC68I-R Datasheet(HTML) 34 Page - InnovASIC, Inc

Back Button IA88C00-PLC68I-R Datasheet HTML 30Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 31Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 32Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 33Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 34Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 35Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 36Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 37Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 38Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 34 of 80
1.888.824.4184
D4 - FERR - Framing Error - This is a status bit. If a framing error occurs (no stop bit where expected),
this bit is set for the receive character in which the framing error occurred. This bit remains set until
cleared to 0 by writing a 1 to this bit position.
D5 - BRKD - Break Detect - This is a status bit that is set at the beginning and the end of a break
sequence in the receive data stream. It stays set to 1 until cleared to 0 by writing a 1 to this bit position.
A break signal is a sequence of 0s. When all the required bits, parity bit, wake-up bit, and stop bits are 0x,
the receiver immediately recognizes a break condition (not a framing error) and causes Break Detect
(BRKD) to be set and an interrupt request. At the end of the break signal, a zero character is loaded into
the Receive Data Register (UIOR) and Break Detect is set again, along with another interrupt request.
D6 - CCD - Control Character Detect - This status bit is set any time an ASCII control character is
received in the receive data stream. It stays set until cleared to 0 by writing a 1 to this bit position. (An
ASCII control character is any character that has bits 5 and 6 set to 0.)
D7 - WUD - Wake-Up Detect - This status bit is set any time a valid wake-up condition is detected at the
receiver. It stays set until cleared to 0 by writing a 1 to this bit position. The wake-up condition can be
satisfied in many possible ways by the Wake-up bit, Wake-up Match register, and Wake-Up Mask
register.
Figure 31. UART Interrupt Enable (UIE), R237 Bank 0
Bit
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Initial Value
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D0 - RCAIE - Receive Character Available Interrupt Enable - If this bit is set to 1, a Receive
Character Available status in the URC register will cause an interrupt request. In a DMA receive
operation, if this bit is set to 1, an interrupt request will be issued only if an End-of-Process (EOP) of the
DMA counter is also set. If it is not set, a Receive Character Available status causes no interrupt.
D1 - RDMAENB - Receive DMA Enable - When this bit is set to 1, the DMA function is enabled for the
UART receiver. Whenever a Receive Character Available signal in the URC register is true, a DMA
request will be made. When the DMA channel claims control of the bus, it transfers the received data to
the register file or the external memory.
D2 - TIE - Tranmit Interrupt Enable - If this bit is set to 1, a Transmit Buffer Empty signal in the UTC
register will cause an interrupt request. In a DMA transmit operation, if this bit is set to 1, an interrupt
request will be issued only if an End-of-Process (EOP) of the DMA counter is also set. If it is not set, a
Transmit Buffer Empty signal causes no interrupt.
D3 - ZCIE - Zero Count Interrupt Enable - If this bit is set to 1, a baud-rate generator Zero Count
status in the UTC register will cause an interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com