Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PLC68I-R Datasheet(PDF) 74 Page - InnovASIC, Inc

Part # IA88C00-PLC68I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PLC68I-R Datasheet(HTML) 74 Page - InnovASIC, Inc

Back Button IA88C00-PLC68I-R Datasheet HTML 70Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 71Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 72Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 73Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 74Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 75Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 76Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 77Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 78Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG21 1 030617-04
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 74 of 80
1.888.824.4184
1
DATA OUT
DAV OUT
6
Figure 71. Strobed Mode (Output Handshake)
AC Electrical Characteristics (12 MHz, 20 MHz)
Output Handshake
No.
Symbol
Parameter
Min
Max
Notes*†
1
TdDO(DAV)
Data Out to /DAV Fall Delay
90
1, 2
2
TdRDYr(DAV)
RDY Rise Input to /DAV Fall Delay
110
1
3
ThDAV(RDY)
/DAV Fall Output to RDY Fall Delay
0
4
TdRDY(DAV)
/RDY Fall Input to /DAV Rise Delay
0
110
1
5
TdDAVOr(RDY)
/DAV Rise Output to RDY Rise Delay
0
6
TwDAVO
/DAV Output Width
150
2
Notes:
1.
Standard Test Load
2.
Time given is for zero value in Deskew Counter. For non-zero value of n where n = 1,2, …15 add 2 x n x TpC to the given
time.
†
Times given are in nanoseconds.
*
Times are preliminary and subject to change.
ERPOM Read Timing
1
ADDRESS OUT
DATA IN
D
0 DY IN
A
0 A13
Figure 72. EPROM READ Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com