Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2547A-R Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE2547A-R
Description  Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2547A-R Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE2547A-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DATA SHEET
SE2547A: Dual-Band 802.11a/b/g/n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202421A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
4
Logic Characteristics
Conditions:
VCC = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions’ SE2547A-EV1 evaluation board (de-
embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VENH
Logic High Voltage for
ENg, ENa (Module On)
-
1.8
-
VCC
V
VENL
Logic Low Voltage ENg,
ENa (Module Off)
-
0
-
0.5
V
IENH
Input Current Logic High
Voltage (ENg, ENa)
-
-
100
200
μA
IENL
Input Current Logic Low
Voltage (ENg, ENa)
-
-
0.2
-
μA
Switch Characteristics
Conditions:
VCC = VEN = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions’ SE2547A-EV1 evaluation board
(de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCTL_ON
Control Voltage
(On State)
-
3.0
-
VCC
V
VCTL_OFF
Control Voltage
(OFF State)
-
0.0
-
0.2
V
SWON
Low Loss Switch
Control Voltage
High State = VCTL_ON -
VCTL_OFF
2.8
-
VCC
V
SWOFF
High Loss Switch
Control Voltage
Low State = VCTL_OFF -
VCTL_OFF
0
-
0.3
V
ICTL_ON
Switch Control Bias
Current (RF Applied)
On pin (CTx0, CTx1,
CRx0, CRx1) being driven
high. RF Applied
-
-
100
µA
ICTL_ON
Switch Control Bias
Current (No RF)
On pin (CTx0, CTx1,
CRx0, CRx1) being driven
high. No RF
-
-
30
µA
CCTL
Control Input
Capacitance
-
-
-
100
pF
Switch Control Logic Table
Switch Logic
Operational Mode
CTx0
CTx1
CRx0
CRx1
TXRF – ANT_0
TXRF – ANT_1
RXRF – ANT_0
RXRF – ANT_1
SWON
SWOFF
SWOFF
SWOFF
ON
OFF
OFF
OFF
SWOFF
SWON
SWOFF
SWOFF
OFF
ON
OFF
OFF
SWOFF
SWOFF
SWON
SWOFF
OFF
OFF
ON
OFF
SWOFF
SWOFF
SWOFF
SWON
OFF
OFF
OFF
ON
SWOFF
SWOFF
SWOFF
SWOFF
OFF
OFF
OFF
OFF
SWON
SWOFF
SWON
SWOFF
ON
OFF
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com