Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2547A-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE2547A-R
Description  Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2547A-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE2547A-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATA SHEET
SE2547A: Dual-Band 802.11a/b/g/n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202421A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
1
Applications
IEEE802.11b DSSS WLAN
IEEE802.11g OFDM WLAN
IEEE802.11a OFDM WLAN
IEEE802.11n WLAN
Access Points, PCMCIA, PC cards
Features
All RF ports matched to 50
Ω
Integrated 2.4 GHz PA, 5 GHz PA, TX Filter, T/R
switches and diplexers
Integrated Power Detector for each TX Chain
21 dBm O/P Power, 802.11b, 11 Mbits, ACPR =
35 dBc
18 dBm @ 3.0 % EVM, 802.11g, 54 Mbits
16.5 dBm @ 3.0 % EVM, 802.11a, 54 Mbits
Single supply voltage: 3.3 V ± 10 %
Lead free, RoHS compliant, Halogen free
Thin lead free plated package, 5mm x 5mm x
1.0mm, LGA Package, MSL 3
Ordering Information
Part No.
Package
Remark
SE2547A
32 pin LGA
Samples
SE2547A-R
32 pin LGA
Tape and Reel
SE2547A-EK1
N/A
Evaluation kit
Product Description
The SE2547A is a complete 802.11a/b/g/n WLAN RF
front-end module providing all the functionality of the
power amplifiers, filtering, power detector, Diversity
switch, diplexers and associated matching. The
SE2547A provides a complete 2.4 GHz and 5 GHz
WLAN RF solution from the output of the transceiver
to the antenna in an ultra compact form factor.
Designed for ease of use, all RF ports are matched to
50
Ω to simplify PCB layout and the interface to the
transceiver RFIC.
The SE2547A also includes a
transmitter power detector for each band and transmit
chain with 20 dB of dynamic range for each transmit
chain.
Each transmit chain has a separate digital
enable control for transmitter power ramp on/off
control. The power ramp rise/fall time is less than 0.7
μsec.
The device also provides a notch filter from 3.260-
3.267 GHz and 3.28-3.89 GHz prior to the input of
each
2.4
GHz
and
5
GHz
power
amplifiers,
respectively.
Functional Block Diagram
Figure 1: SE2547A Functional Block Diagram
Diplexer
ANT0
PDag
Rg
CTx1 CRx1
Trap
Filter
Trap
Filter
Coupler
Power
Detector
Diplexer
Ra
2.4 GHz
PA
5 GHz
PA
ENa
ENg
Tg
Ta
Filter
Filter
ANT1
T/R
Switch
CTx0 CRx0


Similar Part No. - SE2547A-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2547A-R SIGE-SE2547A-R Datasheet
104Kb / 2P
Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
More results

Similar Description - SE2547A-R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ADM8262 INFINEON-ADM8262 Datasheet
425Kb / 2P
Wireless LAN 802.11a/b/g Controller
2004
logo
SiGe Semiconductor, Inc...
SE2545A30 SIGE-SE2545A30 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2545A23 SIGE-SE2545A23 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2593A20 SIGE-SE2593A20 Datasheet
119Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2547A SIGE-SE2547A Datasheet
104Kb / 2P
Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2548A SIGE-SE2548A Datasheet
117Kb / 2P
Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2595L SIGE-SE2595L Datasheet
118Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
logo
Skyworks Solutions Inc.
SKY85806-11 SKYWORKS-SKY85806-11 Datasheet
1Mb / 17P
Dual-Band 802.11a-g-n-ac Wireless LAN
SE2593A20 SKYWORKS-SE2593A20_15 Datasheet
666Kb / 18P
Dual-Band 802.11n Wireless LAN Front-End
SKY85806-11 SKYWORKS-SKY85806-11_16 Datasheet
1Mb / 18P
Dual-Band 802.11a/g/n/ac Wireless LAN Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com