Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2547A-R Datasheet(PDF) 12 Page - Skyworks Solutions Inc.

Part # SE2547A-R
Description  Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2547A-R Datasheet(HTML) 12 Page - Skyworks Solutions Inc.

Back Button SE2547A-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 15Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
DATA SHEET
SE2547A: Dual-Band 802.11a/b/g/n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202421A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
12
Recommended Land and Solder Patterns
L
C
L
C
PACKAGE OUTLINE
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
32
31
30
29
28
27
26
25
16
15
14
13
12
11
10
9
PCB METAL & VIA HOLE
TOP (X-Ray) VIEW
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
32
31
30
29
28
27
26
25
16
15
14
13
12
11
10
9
PCB SOLDER MASK
TOP (X-Ray) VIEW
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
32
31
30
29
28
27
26
25
16
15
14
13
12
11
10
9
PCB SOLDER STENCIL
TOP (X-Ray) VIEW
RECOMMENDED FOOTPRINT NOTES:
4. VIA HOLE INFORMATION:
4a. RECOMMENDED VIA HOLE SIZE (Ø): 0.150 - 0.300mm
4b. RECOMMENDED VIA HOLE PITCH: AS SHOWN
4c. RECOMMENDED VIA WALL Cu PLATING: 30-35um
4d. RECOMMENDED THAT VIAS BE TENTED WITH SOLDERMASK ON PCB BACKSIDE AND
FILLED WITH SOLDER.
4e. VIA IN SIGNAL PAD DETAIL, TYP 7 PLCS.
4f. TOTAL VIA COUNT AS SHOWN: 23.
5. SOLDER MASK GEOMETRY FEATURES:
5a. ALL PERIPHERAL PCB PADS ARE NON-SOLDER MASK DEFINED.
5b. ALL GROUND PADDLE FEATURES ARE SOLDER MASK DEFINED.
6. SOLDER STENCIL APERTURE FEATURES:
6a. SOLDER STENCIL APERATURE OPENINGS ARE SMALLER THEN PERIPHERAL PCB METAL PADS.
6b. RECOMMENDED SOLDER STENCIL APERTURE ARRAY TO TARGET APPROXIMATELY
50 - 80% COVERAGE OF SOLDER MASK OPENINGS, EXCEPT AS NOTED.
7. RECOMMENDED SOLDER STENCIL THICKNESS: 5.0mils (0.127mm).
8. PCB ACAD AND GERBER FILES AVAILABLE UPON REQUEST.
GENERAL NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. DIMENSIONING AND TOLERANCES CONFORM TO ASME Y14.5M-1994.
(UNLESS OTHERWISE SPECIFIED THE FOLLOWING VALUES APPLY)
DECIMAL TOLERANCE:
ANGULAR TOLERANCE:
X.X (1 PLC) ± 0.1mm
± 1°
X.XX (2 PLC) ± 0.05mm
X.XXX (3 PLC) ± 0.025mm
3. UNLESS SPECIFIED DIMENSIONS ARE SYMMETRICAL ABOUT CENTER LINES.
PERIPHERAL PAD
PATTERN DETAIL
Figure 6: Recommended Land and Solder Patterns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com