Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2547A-R Datasheet(PDF) 14 Page - Skyworks Solutions Inc.

Part # SE2547A-R
Description  Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2547A-R Datasheet(HTML) 14 Page - Skyworks Solutions Inc.

Back Button SE2547A-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 15Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
DATA SHEET
SE2547A: Dual-Band 802.11a/b/g/n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202421A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
14
Tape and Reel Information
Production quantities of this product are shipped in a standard tape-and-reel format.
Specific tape and reel
dimensions and sizing is shown in Table 1and Figure .
Parameter
Value
Devices Per Reel
3000
Reel Diameter
13 inches
Table 1: Tape and Reel Dimensions
Figure 8: Detailed Tape and Reel Information (All diminensions in Millimeters)
Document Change History
Revision
Date
Notes
1.0
December 6, 2006
Created
1.1
March 24, 2007
Updated Pin Names
Updated output power in 2GHz channel
Updated 5GHz detector characteristics
1.2
No changes released to production
1.3
July 19, 2007
Updated TX and RX specifications based on measured data, including
power, gain, return loss in both 2GHz and 5GHz channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com