Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2547A-R Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SE2547A-R
Description  Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2547A-R Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SE2547A-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DATA SHEET
SE2547A: Dual-Band 802.11a/b/g/n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202421A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
6
2.4 GHz Receive Characteristics
Conditions:
VCC = 3.3 V, CRx = 3.3 V, ENg = ENa = CTx = 0 V, TA = 25
°C, as measured on Skyworks Solutions’
SE2547A-EV1 evaluation board (de-embedded to device), all unused ports terminated with 50 ohms,
unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FOUT
Frequency Range
-
2400
-
2500
MHz
RXIL
Insertion Loss
-
-
1.8
2.0
dB
RXRL
Return Loss
-
10
15
-
dB
Delta Rx
Delta between Rx
paths
ANT_0 to RXRF or
ANT_1 to RXRF
-
-
0.5
dB
TGLEAK
TX Power Leakage
CTx0 or CTx1 = SWON,
CRx0 = CRx1 = SWOFF,
Device transmitting (TXEN
= 3.3 V) 18.0 dBm @
ANT0 or ANT1, Power
measured @ RX_OUT
-
-
-3
dBm
TRISOL-LB
Isolation in Loop Back
Mode
CTx0 = CRx0 = SWON,
CTx1 = CRx1 = SWOFF,
Device transmitting (TXEN
=3.3V) small signal
@ANT0
-
5
26
dB
ATTg
Antenna to Rx
isolation
Small signal input into
ANT_0 or ANT_1, Power
measured @ RXRF, CTx0
(Ant1 to Rx Iso) OR CTx1
(Ant0 to Rx Iso) = SWON,
CRx0 and CRx1 =
SWOFF
21
-
28
dB
ISANTG
Antenna to Antenna
Isolation
-
-
18
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com