Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2547A-R Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SE2547A-R
Description  Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2547A-R Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SE2547A-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2547A-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DATA SHEET
SE2547A: Dual-Band 802.11a/b/g/n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202421A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
2
Pin Out Diagram
Figure 2: SE2547A Pin Out (Top View Through Package)
Pin Out Description
Pin No.
Name
Description
1
Rg
2.4 GHz RF Receive Output
2
Ra
5 GHz RF Receive Output
3
GND
Ground
4
Tg
2.4 GHz RF Transmit Input
5
GND
Ground
6
Ta
5 GHz RF Transmit Input
7
GND
Ground
8
Det
2.4/5 GHz Power Detector Output
9
ENa
5 GHz Power Amplifier Enable
10
ENg
2.4 GHz Power Amplifier Enable
11
VCC
Supply Voltage
12-16
NU
Not Used
17
VCC
Supply Voltage
18-20
NU
Not Used
21
Ant1
Antenna 1
22
GND
Ground
23
Ant0
Antenna 0
24
GND
Ground
25
CRx1
Switch Control, RX
↔ Antenna 1
26
CTx1
Switch Control, TX
↔ Antenna 1
27
CTx0
Switch Control, TX
↔ Antenna 0
28
CRx0
Switch Control, RX
↔ Antenna 0
29-30
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com