Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD20D Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLD20D
Description  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLD20D Datasheet HTML 4Page - STMicroelectronics STLD20D Datasheet HTML 5Page - STMicroelectronics STLD20D Datasheet HTML 6Page - STMicroelectronics STLD20D Datasheet HTML 7Page - STMicroelectronics STLD20D Datasheet HTML 8Page - STMicroelectronics STLD20D Datasheet HTML 9Page - STMicroelectronics STLD20D Datasheet HTML 10Page - STMicroelectronics STLD20D Datasheet HTML 11Page - STMicroelectronics STLD20D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Electrical characteristics
STLD20D
8/31
4
Electrical characteristics
Table 4.
Electrical characteristics (VIN = 2.8 to 4.2V and TJ = 25°C)
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
VIN
Operating Input voltage range
2.8
4.2
V
ILED
Average regulated current ILED = 20mA RLED = 15Ω
19
20
21
mA
ISD
Stand-by current
SHDN = low
VIN = 4.2V
1
µA
IQ
Quiescent current consumption
SHDN = high
VIN = 4.2V
0.43
0.6
mA
SW
Boost switch
RDSON
SOT23-8L
TJ = 25°C
ISW = 250mA
VIN = 2.8V
0.48
Ω
VIN = 4.2V
0.38
QFN
TJ = 25°C
ISW = 250mA
VIN = 2.8V
0.57
VIN = 4.2V
0.42
LDS
Load Disconnect
Switch RDSON
SOT23-8L
TJ = 25°C
ILDS = 20mA
VIN = 2.8V
5.0
Ω
VIN = 4.2V
4.2
QFN
TJ = 25°C
ILDS = 20mA
VIN = 2.8V
5.1
VIN = 4.2V
4.3
FB
Feedback voltage
0.285
0.302
0.315
V
Line
Variation of the LED current versus the input voltage:
RLED = 15Ω
0.9
mA/V
Eff
Efficiency with 4 LEDS, VOUT = 16V
VIN = 2.8V
80
%
VIN = 4.2V
85
fSW
Switching frequency
400
500
600
kHz
DCMIN
Minimum duty cycle
20
%
ILIM
Peak current boost switch (1)
L = 10µH
RSET = GND (STLD20D-C8)
640
mA
OVP
Overvoltage protection
17.5
18.5
20
VDC
HystOV
Overvoltage hysteresis
0.7
VDC
OTP
Over temperature protection
110
°C
HystOT
Over temperature protection hysteresis
5
°C
SHDN
Shutdown signal logic
Disable Low
VIL
0.3
V
Enable high
VIH
1.2
1.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com