Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD20D Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLD20D
Description  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLD20D Datasheet HTML 15Page - STMicroelectronics STLD20D Datasheet HTML 16Page - STMicroelectronics STLD20D Datasheet HTML 17Page - STMicroelectronics STLD20D Datasheet HTML 18Page - STMicroelectronics STLD20D Datasheet HTML 19Page - STMicroelectronics STLD20D Datasheet HTML 20Page - STMicroelectronics STLD20D Datasheet HTML 21Page - STMicroelectronics STLD20D Datasheet HTML 22Page - STMicroelectronics STLD20D Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
STLD20D
PWM dimming control
19/31
8
PWM dimming control
By applying a PWM signal on the shutdown pin SHDN, the average current and the
brightness of the LED can be adjusted.
Figure 21. shows ILED current and the other typical
waveform during this dimming control mode.
Note that the Load Disconnect Switch LDS turns ON/OFF at the same frequency and with
the same duty cycle as the PWM signal. Thus, the LED current is a perfect square wave
phased with the dimming signal. This leads to a good correlation between the real average
current of the LED and the theoretical current given by:
Where:
ILED: is the nominal current programmed by the RLED resistance
DC: is the duty cycle of the dimming signal.
Figure 14. shows that the correlation between the real average current and the theoretical
value is given for a minimum duty cycle of 5% when the dimming frequency is 300Hz and
20% for a 10kHz dimming signal.
Figure 21.
Typical waveform when the PWM dimming is used at 300Hz
δ = 0.38
Vshutdown
ILED
VOUT
IL
ILIM
Ireg
VOUT
ILED
Vshutdown
I
LED
Theo
DC
I
LED
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com