Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD20D Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLD20D
Description  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLD20D Datasheet HTML 14Page - STMicroelectronics STLD20D Datasheet HTML 15Page - STMicroelectronics STLD20D Datasheet HTML 16Page - STMicroelectronics STLD20D Datasheet HTML 17Page - STMicroelectronics STLD20D Datasheet HTML 18Page - STMicroelectronics STLD20D Datasheet HTML 19Page - STMicroelectronics STLD20D Datasheet HTML 20Page - STMicroelectronics STLD20D Datasheet HTML 21Page - STMicroelectronics STLD20D Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Components selection
STLD20D
18/31
In fact, in boost backlighting converter, the conduction losses (Pcond) lead by the forward
characteristics can be negligible compared to the losses induced by the reverse current
(Prev), especially at high temperature.
7.4
RLED feedback resistance selection
The average output current is regulated by sensing a low external ohmic sensing resistor
RLED. Thus, a constant current value is fixed for each LED whatever the ambient
temperature conditions. RLED is given by:
7.5
Efficiency
Efficiency is a significant parameter for the application. The higher the efficiency, the longer
the life time of the battery. The efficiency is given by:
.
R
LED
V
FB
I
LED
-----------
0.3V
20mA
----------------
15
Ω
7
[]
=
=
=
Efficiency
P
output
P
input
-------------------
NV
LED
I
LED
⋅
⋅
V
IN
I
input
⋅
--------------------------------------------
8
[]
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com