Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD20D Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLD20D
Description  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLD20D Datasheet HTML 10Page - STMicroelectronics STLD20D Datasheet HTML 11Page - STMicroelectronics STLD20D Datasheet HTML 12Page - STMicroelectronics STLD20D Datasheet HTML 13Page - STMicroelectronics STLD20D Datasheet HTML 14Page - STMicroelectronics STLD20D Datasheet HTML 15Page - STMicroelectronics STLD20D Datasheet HTML 16Page - STMicroelectronics STLD20D Datasheet HTML 17Page - STMicroelectronics STLD20D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Components selection
STLD20D
14/31
7
Components selection
7.1
L, Boost inductor selection
To get a good trade-off thickness/efficiency, an attention must be given on the inductor
choice.
The inductance value must be selected to remain in the discontinuous conduction mode.
Its saturation current (Isat) must be equal or higher than the programmed current (ILIM).
An attention must be taken on the dynamic inductor parameters. Actually, some power
losses can occur in the boost inductor when it works at several hundred KHz and can
reduce the efficiency.
7.1.1
Calculation of the inductor value
The inductor must be dimensioned so that the STLD20D stays running in discontinuous
conduction mode operation in the worst operation condition (VIN = VIN_min= 2.8V). The limit
between continuous and discontinuous mode is called critical mode and characterized by an
uninterrupted current through the inductor (see figure 18).
The formula [1] gives the maximum typical value of the inductor for a discontinuous mode
operation in the worst case condition (critical mode). Figure 19 shows the typical L value
versus the voltage across the LED branch N.VLED. Note that this curve includes the
STLD20D and inductance dispersions (20%).
N.VLED = 4x4V = 16V and ILOAD = 20mA
Figure 18.
3 different conduction modes
IL
Continuous
Discontinuous
Critical
t
L
typ
η V
2
in min
() NVLED
V
in min
()
V
FB
I
LED
R
LDS
++
()
2.4
I
LED
NV
LED
F
max
NV
LED
I
LED
R
LDS
+
()
⋅⋅
-------------------------------------------------------------------------------------------------------------------------------------------------------------- 1
[]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com