Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD20D Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLD20D
Description  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLD20D Datasheet HTML 11Page - STMicroelectronics STLD20D Datasheet HTML 12Page - STMicroelectronics STLD20D Datasheet HTML 13Page - STMicroelectronics STLD20D Datasheet HTML 14Page - STMicroelectronics STLD20D Datasheet HTML 15Page - STMicroelectronics STLD20D Datasheet HTML 16Page - STMicroelectronics STLD20D Datasheet HTML 17Page - STMicroelectronics STLD20D Datasheet HTML 18Page - STMicroelectronics STLD20D Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
STLD20D
Components selection
15/31
Where:
ηis the efficiency (80%)
N is the number of the white LEDs in series
VLED is the forward voltage of the LED for the ILED current (VLED = 4V in our example)
VIN(min) is the minimum input voltage (2.8V)
VFB is the error amplifier reference (0.3V)
RLDS is the internal resistance of the Load Disconnect Switch power MosFET (6Ω)
Fmax is the maximum frequency of the STLD20D (600kHz)
ILED_MAX is the current through the LED
For example, the case with 4 white LEDs can be considered in order to evaluate L value in
the worst case conduction.
From figure 19, typical inductance must be lower than 11µH. By minimizing the inductance
to ensure the discontinuous mode operation, the standard coil value is equal to 10µH. Then:
L=10µH
7.1.2
Calculation of the saturation current I(sat)
The maximum peak current (Ip(max)) during steady state can be estimated by the formula [2]:
Where:
Ltyp is the typical inductance value
Fmin is the minimum frequency due to the STLD20D spread-off (400kHz)
Figure 19.
Typical inductance value versus the white LED voltage for three IOUT
Ltyp=f(nV
)
LED
7.0E-06
9.0E-06
1.1E-05
1.3E-05
1.5E-05
1.7E-05
1.9E-05
2.1E-05
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
15mA
20mA
25mA
11µH
N.V
(V)
LED
L typ (H)
I
pmax
()
2I
LED
NV
LED
NV
LED
V
IN min
()
V
FB
I
LED
R
LDS
++
()
⋅⋅
η F
min
0.8
L
typ
NV
LED
V
FB
I
LED
R
LDS
++
()
⋅⋅
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------------- 2
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com