Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD20D Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLD20D
Description  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLD20D Datasheet HTML 7Page - STMicroelectronics STLD20D Datasheet HTML 8Page - STMicroelectronics STLD20D Datasheet HTML 9Page - STMicroelectronics STLD20D Datasheet HTML 10Page - STMicroelectronics STLD20D Datasheet HTML 11Page - STMicroelectronics STLD20D Datasheet HTML 12Page - STMicroelectronics STLD20D Datasheet HTML 13Page - STMicroelectronics STLD20D Datasheet HTML 14Page - STMicroelectronics STLD20D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
STLD20D
Typical performance characteristics
11/31
6
Typical performance characteristics
Figure 4.
4 LEDs efficiency measurement
Figure 5.
LED current vs input voltage
Figure 6.
Feedback voltage
Figure 7.
Boost switch resistance (STLD20D-
C8)
Figure 8.
Boost switch resistance (STLD20D-
DEF)
Figure 9.
Efficiency vs input voltage
(ILED=20mA; TA=25°C)
70.0
80.0
90.0
2.5
3.0
3.5
4.0
4.5
LQH32CN100K33
LPO04815-103
CRDH2D14-100
Shielded TDK
VLF3010AT-100MR49
V (V)
IN
Efficiency (%)
I
= 20mA,
LED
n.V
= 16V, DC = 100%
LED
T = 25°C
a
V (V)
IN
I
(mA)
LED
19.00
19.20
19.40
19.60
19.80
20.00
20.20
20.40
20.60
20.80
21.00
2.5
3
3.5
4
4.5
5
T = 25°C
a
290.0
295.0
300.0
305.0
310.0
2.5
3.0
3.5
4.0
4.5
T = 85°C
a
T = 25°C
a
T = -40°C
a
V (V)
IN
V
(mV)
FB
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.5
3.0
3.5
4.0
4.5
T = 85°C
a
T = 25°C
a
T = -40°C
a
V (V)
IN
RDSon( )
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.5
3.0
3.5
4.0
4.5
T = 85°C
a
T = 25°C
a
T = -40°C
a
V (V)
IN
RDSon( )
78
79
80
81
82
83
84
85
86
87
88
2.5
3
3.5
4
4.5
5
Input voltage (V
)
DC
Efficiency (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com