Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF112 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 28Page - NXP Semiconductors RF112 Datasheet HTML 29Page - NXP Semiconductors RF112 Datasheet HTML 30Page - NXP Semiconductors RF112 Datasheet HTML 31Page - NXP Semiconductors RF112 Datasheet HTML 32Page - NXP Semiconductors RF112 Datasheet HTML 33Page - NXP Semiconductors RF112 Datasheet HTML 34Page - NXP Semiconductors RF112 Datasheet HTML 35Page - NXP Semiconductors RF112 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
Table 7. Frequency generation specification (continued)
Parameter
Conditions
Min
Typ
Max
Unit
TRX LB (10 kHz to
50 MHz)
-50
-43
dBc
RO2 HB (10 kHz
to 50 MHz)
-43
-39
dBc
RO1 HB (10 kHz
to 50 MHz)
-44
-39
dBc
RO1 LB (10 kHz to
50 MHz)
-50
-43
dBc
TRX phase noise
At HB/LB LO frequency (w.c. over frequency)
Offset = 10 kHz
-95
dBc/Hz
Offset = 100 kHz
-103
dBc/Hz
Offset = 1 MHz
-106
dBc/Hz
Offset = 10 MHz
-128
dBc/Hz
Offset = 100 MHz
(cannot be
validated)
-150
dBc/Hz
RO2 RX phase
noise
At HB LO frequency (w.c. over frequency)
Offset = 10 kHz
-95
dBc/Hz
Offset = 100 kHz
-103
dBc/Hz
Offset = 1 MHz
-106
dBc/Hz
Offset = 10 MHz
-122
dBc/Hz
Offset = 100 MHz
(cannot be
validated)
-136
dBc/Hz
RO1 RX phase
noise
At HB/LB LO frequency (w.c. over frequency)
Offset = 10 kHz
-95
dBc/Hz
Offset = 100 kHz
-103
dBc/Hz
Offset = 1 MHz
-106
dBc/Hz
Offset = 10 MHz
-125
dBc/Hz
Offset = 100 MHz
(cannot be
validated)
-136
dBc/Hz
Synthesizer PLL Specifications
PLL comparison
frequency
4 times XO
frequency
160
MHz
Reference spur level
HB/LB
TRX, fLO ± N x 40
MHz
-60
dBc
TRX, fLO ± N x
160 MHz
-60
dBc
RO1, fLO ± N x 40
MHz
-60
dBc
RO1, fLO ± N x
160 MHz
-60
dBc
Table continues on the next page...
Electrical characteristics
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
32
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com