Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF112 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 4 Page - NXP Semiconductors

  RF112 Datasheet HTML 1Page - NXP Semiconductors RF112 Datasheet HTML 2Page - NXP Semiconductors RF112 Datasheet HTML 3Page - NXP Semiconductors RF112 Datasheet HTML 4Page - NXP Semiconductors RF112 Datasheet HTML 5Page - NXP Semiconductors RF112 Datasheet HTML 6Page - NXP Semiconductors RF112 Datasheet HTML 7Page - NXP Semiconductors RF112 Datasheet HTML 8Page - NXP Semiconductors RF112 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
gain in receive mode should be controlled by the baseband IC. The receive chain has low
noise and high dynamic range. The analog baseband filters have on-chip calibration and
supports 20, 40, or 80 MHz modulation bandwidth. An internal crystal oscillator is
implemented to enable usage of a low cost crystal. The reference frequency can be fine-
tuned to minimize the frequency error. A LVDS clock output is included to provide a
reference clock to the baseband chip. An auxiliary ADC is implemented for calibration
purposes and to serve various external functions like power and temperature
measurements.
The two interfaces, a traditional low-speed I2C, and a low complexity high-speed custom
LVDS buses are available for configuration and bi-directional data exchanges with the
baseband. The high-speed LLCP interface can be used to provide a continuous stream of
RF envelope detector samples after the LNA in each receiver chain. This allows the
receiver AGC algorithm, located on the baseband chip, to observe the wideband signal
level and optimize the receiver gain for best performance. The interface allows quick
updates of the transmitter and receiver gains.
This figure shows top level block diagram of the RF112 Transceiver.
Introduction
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
4
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com