Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF112 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 7Page - NXP Semiconductors RF112 Datasheet HTML 8Page - NXP Semiconductors RF112 Datasheet HTML 9Page - NXP Semiconductors RF112 Datasheet HTML 10Page - NXP Semiconductors RF112 Datasheet HTML 11Page - NXP Semiconductors RF112 Datasheet HTML 12Page - NXP Semiconductors RF112 Datasheet HTML 13Page - NXP Semiconductors RF112 Datasheet HTML 14Page - NXP Semiconductors RF112 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
Table 1. Pinout list by bus (continued)
Signal
Signal description
Package
pin
number
Pin
type
Power supply
Notes
GND
Ground
65
-
-
5
1. A 100 Ohms resistor should be placed between this pad and the other polarity pad.
2. In normal mode should be pulled to ground.
3. Application requires pull-down 10 +/-1% KOhm resistor.
4. This pin can be left unconnected since they are configured as inputs with internal pull-down at reset.
5. The 65th pin serves as a ground and thermal pad.
3 Electrical characteristics
This section describes the DC and AC electrical specifications for the chip. This section
describes the DC and AC electrical specifications of the interfaces and signals for the
chip.
3.1 Overall DC electrical characteristics
This section describes the ratings, conditions, and other characteristics.
3.1.1 Absolute maximum ratings
This table provides the absolute maximum ratings.
Table 2. Absolute maximum ratings1,2
Characteristic
Symbol
Min
Max
Unit
Notes
Analog supply voltages
VDD_RX1
VDD_XO
VDD_RO1
VDD_BB1
VDD_SYNTH
VDD_BB2
VDD_RO2
VDD_TRX2
VDD_160M_IO
-0.50
-0.50
-0.50
-0.50
-0.50
-0.50
-0.50
-0.50
-0.5
2.00
2.00
2.00
2.00
2.00
2.00
2.00
2.00
2.00
V
V
V
V
V
V
V
V
V
Digital core supply voltage
VDD_DIG_CORE
-0.50
1.00
V
Digital I/O supply voltage
VDD_DIG_IO
-0.50
2.00
V
Table continues on the next page...
Electrical characteristics
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
NXP Semiconductors
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com