Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF112 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 9Page - NXP Semiconductors RF112 Datasheet HTML 10Page - NXP Semiconductors RF112 Datasheet HTML 11Page - NXP Semiconductors RF112 Datasheet HTML 12Page - NXP Semiconductors RF112 Datasheet HTML 13Page - NXP Semiconductors RF112 Datasheet HTML 14Page - NXP Semiconductors RF112 Datasheet HTML 15Page - NXP Semiconductors RF112 Datasheet HTML 16Page - NXP Semiconductors RF112 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Table 3. Recommended operating conditions (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Notes
VDD_RO2
VDD_TRX2
VDD_160M_IO
1.62
1.62
1.62
1.67
1.67
1.67
1.72
1.72
1.72
V
V
V
Digital supply
voltage
VDD_DIG_CORE
VDD_DIG_IO
0.87
1.71
0.90
1.80
0.97
1.89
V
V
Low frequency
Analog supply
ripple
1 kHz ≤ fRipple ≤ 50 MHz
Single tone
10
mVp
Total ripple
14
mVrms
High frequency
Analog supply
ripple
4.9 GHz ≤ fRipple ≤ 6.2 GHz
Single tone
2.5
mVpp
Analog supply
noise
1 kHz ≤ fNoise ≤ 30 kHz
1000
2000
nV/ √ Hz
fNoise = 100 kHz
200
400
nV/ √ Hz
fNoise = 1.0 MHz
20
40
nV/ √ Hz
fNoise = 10 MHz
4
nV/ √ Hz
fNoise > 50 MHz
1
nV/ √ Hz
4.9 GHz ≤ fNoise ≤ 6.2
GHz
1
nV/ √ Hz
Operating
temperature
range
TA, ambient
temperature
0
° C
TJ, junction temperature
105
° C
Extended
Operating
temperature
range
TA, ambient
temperature
-40
° C
TJ, junction temperature
105
° C
Reference clock
frequency
Crystal or external clock
source
40
MHz
Crystal load
capacitance
Effective differential
load capacitance
5
10
12
pF
Implemented
on-chip as
single-ended
capacitors on XI
and XO
External Clock
Source Input
Level
XO CMOS input
0.80
0.99
Vpp
External Clock
Source Duty
Cycle
XO CMOS input
45
50
55
%
External Clock
Source Phase
Noise
TCXO CMOS input at 40MHz frequency
Offset = 10 kHz
-143
dBc/Hz
Offset = 100 kHz
-155
Offset = 1 MHz and
above
-160
Table continues on the next page...
Electrical characteristics
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
NXP Semiconductors
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com