Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF112 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 35Page - NXP Semiconductors RF112 Datasheet HTML 36Page - NXP Semiconductors RF112 Datasheet HTML 37Page - NXP Semiconductors RF112 Datasheet HTML 38Page - NXP Semiconductors RF112 Datasheet HTML 39Page - NXP Semiconductors RF112 Datasheet HTML 40Page - NXP Semiconductors RF112 Datasheet HTML 41Page - NXP Semiconductors RF112 Datasheet HTML 42Page - NXP Semiconductors RF112 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
3.9.2 Temperature sensor
Temperature information is available in the regulators as a temperature dependent
voltage. Most regulators have the possibility to apply a buffered version of this voltage
onto the analog testbus. The voltage can then be measured with the AUX ADC, which
makes it possible to measure the temperature at different locations on the chip. Output
value can be processed by calibration unit to provide values in Celsius.
This table shows the temperature sensor specification.
Table 12. Temperature sensor specification
Parameter
Conditions
Min
Typ
Max
Unit
Temperature
responsivity
LSB is referred to register content which is a 14-bit averaged ADC value.
At 27 ° C
27
LSB / ° C
Accuracy at 100 °
C
1 sigma value
± 6
° C
Output value
LSB is referred to register content which is a 14-bit averaged ADC value.
100°C (658 mV)
1935
LSB
50°C (571 mV)
606
LSB
27°C (531 mV)
-5
LSB
-40°C (414 mV)
-1786
LSB
Relative accuracy
Temperature
change..
±2
° C
4 Package information
4.1 Mechanical dimensions
The target package is a single row 64-pin extended lead QFN with 0.5mm pitch. This
table shows the package specification of the chip.
Table 13. Package specification
Parameter
Conditions
Minimum
Typical
Maximum
Unit
Number of pins
64 + Flag as
ground
Pin pitch
0.5
mm
Thermal resistance Junction to case.
0.9
K/W
Table continues on the next page...
Package information
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
NXP Semiconductors
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com