Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF112 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 34Page - NXP Semiconductors RF112 Datasheet HTML 35Page - NXP Semiconductors RF112 Datasheet HTML 36Page - NXP Semiconductors RF112 Datasheet HTML 37Page - NXP Semiconductors RF112 Datasheet HTML 38Page - NXP Semiconductors RF112 Datasheet HTML 39Page - NXP Semiconductors RF112 Datasheet HTML 40Page - NXP Semiconductors RF112 Datasheet HTML 41Page - NXP Semiconductors RF112 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
The 160 MHz differential clock IO output can be enabled with a firmware command over
the LLCP or I2C interfaces subsequent to DLL calibration.
3.9 Specification of auxiliary functions
3.9.1 Auxiliary ADC
The auxiliary ADC will be used for internal calibration and during test.
Internal signals are routed to the AUX ADC via the analog test bus.
External signals can be applied to the AUX ADC via the ATEST1 to ATEST4 pins,
without using the analog testbus. The AUX ADC MUX has inputs directly connected to
the ATEST pads. Both single-ended and differential external signals can be connected to
the AUX ADC.
This table shows an auxiliary ADC specification.
Table 11. Auxiliary ADC specification
Parameter
Conditions
Min
Typ
Max
Unit
Conversion time
per sample
11 bits, 20 MHz
internal ADC clock
0.6
1.0
µs
Resolution
Number of
converted bits (diff
mode)
11
bits
Effective number of
bits
10
bits
External AUX ADC
input range
Single-ended
mode,
input referred to
ground (10 bits)
0
1.0
V
Differential mode
(11 bits)
-0.9
0.9
Vpp-diff
DNL
2
LSB
INL
2.5
LSB
Equivalent input
noise
2
LSB
Input capacitance
Single ended mode
4.5
pF
Differential mode
9
pF
Common mode
level
Differential mode
0.45
V
Analog signal
Bandwidth
External input from
pins
0.7
MHz
Electrical characteristics
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
38
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com