Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33286DW Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # PC33286DW
Description  Automotive Dual High Side Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33286DW Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  PC33286DW Datasheet HTML 1Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 2Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC33286
Automotive Dual High Side Driver
3
L = ‘Low level’ ; H = ‘High level’ ; X = ‘don’t care’
Figure 1. Application Schematic
Turn-off Delay Time
tdoff
100
150
µs
IN = 2.5V to 90% Vout,
Vbat=12V
Open Load to Status Low Delay Time
TOL
10
µs
FUNCTIONAL TRUTH TABLE
Conditions
IN1
IN2
OUT1
OUT2
St1
St2
Normal Operation
L
H
L
H
L
L
H
H
L
H
L
H
L
L
H
H
H
H
H
H
H
H
H
H
Undervoltage
X
X
L
L
H
H
Overtemperature Channel 1
Overtemperature Channel 2
Overtemperature Channel 1/Channel 2
H
X
H
X
H
H
L
X
L
X
L
L
L
H
L
H
L
L
Open Load Channel 1
Open Load Channel 2
H
X
X
H
H
X
X
H
L
H
H
L
Overcurrent Channel 1
Overcurrent Channel 2
H
X
X
H
X
X
X
X
H
H
H
H
ELECTRICAL CHARACTERISTICS T
j from - 40°C to +125°C, Vbat from 8V to 16V, unless otherwise noted.Typical values reflect approximate mean
at 25°C, Vbat =12V, at time of device characterization.
Description
Symbol
Characteristics
Unit
Conditions
Min
Typ
Max
Battery
MCU
OUT1
IN1
Vbatc
Vbat
5V
Status pull-up
Load 2
OUT2
IN2
Status 2
Charge
Pump
U.V.
Lockout
Input
Trigger
Over
Temp
Open
Load
Over
Current
Vbat
Vbat
Vbat
OUT1
Vbat
Vbat
Vbat
Vbat
Status 1
OUT2
GND
resistors
CHANNEL 1
CHANNEL 2
Thermal
Sensor
10K
Ω
10K
Ω
Load 1
Vbatc
100nF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com