Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33286DW Datasheet (PDF) - Freescale Semiconductor, Inc

PC33286DW Datasheet PDF - Freescale Semiconductor, Inc
Part # PC33286DW
Download  PC33286DW Download
File Size   318.65 Kbytes
Page   8 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Automotive Dual High Side Driver

PC33286DW Datasheet (PDF)

Go To PDF Page Download Datasheet
PC33286DW Datasheet PDF - Freescale Semiconductor, Inc

Part # PC33286DW
Download  PC33286DW Click to download

File Size   318.65 Kbytes
Page   8 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Automotive Dual High Side Driver

PC33286DW Datasheet (HTML) - Freescale Semiconductor, Inc


PC33286DW Product details

Automotive Dual High Side Driver



This device is a dual high side power switch dedicated for automoive applications. In comparison with mechanical relays, this device offers higher reliability as well as protection and diagnostic features.

The device consists of two independent 35mΩ Rdson switches in a surface mount package. It can be directly interfaced with a microcontroller for control and diagnostic functions. The device is fully protected against overcurrents, short-circuits and incorporates an overtemperature shutdown. It can be directly and continuously supplied by the battery and offers a very low quiescent current in standby mode.



• Designed for Automotive Applications

• Junction Temperature Range from -40°C to 150°C

• Operating Voltage Range from 8V to 40V

• Maximum Breakdown Voltage greater than 40V

• Surface Mount Package

• 35mΩ Rdson at 25°C

• Overtemperature Protection with Hysteresis

• Under Voltage Shutdown

• Reverse Battery protected

• Open Load Detection in On-State

• Diagnostic Output

• ESD Protection 2kV

• Current Limitation at 30A

• Loss of ground protected

• Standby Current less than 10µA at Vbat = 14V



 




Similar Part No. - PC33286DW

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC332 PICKER-PC332 Datasheet
147Kb / 2P
Telecom Relay
PC332-12H-X PICKER-PC332-12H-X Datasheet
3Mb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC332-12L-X PICKER-PC332-12L-X Datasheet
3Mb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC332-12NIL-X PICKER-PC332-12NIL-X Datasheet
3Mb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC332-24H-X PICKER-PC332-24H-X Datasheet
3Mb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
More results


Similar Description - PC33286DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33198 MOTOROLA-MC33198 Datasheet
296Kb / 11P
Automotive High Side TMOS Driver
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
Automotive Dual High Side Driver
logo
Freescale Semiconductor...
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
Automotive Dual High Side TMOS Driver
33198 FREESCALE-33198 Datasheet
375Kb / 17P
Automotive High-Side TMOS Driver
33285 FREESCALE-33285_07 Datasheet
317Kb / 13P
Dual High-Side TMOS Driver
logo
International Rectifier
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
DUAL HIGH SIDE DRIVER IC
IRS21858SPBF IRF-IRS21858SPBF Datasheet
238Kb / 19P
High(Dual Mode) Side Driver
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
DUAL HIGH SIDE DRIVER IC
IRS21858SPBF IRF-IRS21858SPBF_15 Datasheet
238Kb / 19P
High(Dual Mode) Side Driver
logo
ON Semiconductor
FAN7171-GF085 ONSEMI-FAN7171-GF085 Datasheet
1,003Kb / 10P
High-Side Automotive Gate Driver IC
December-2017, Rev. 3
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com