Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33286DW Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # PC33286DW
Description  Automotive Dual High Side Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33286DW Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  PC33286DW Datasheet HTML 1Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 2Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC33286
FUNCTIONAL DESCRIPTION
Automotive Dual High Side Driver
5
General Information
This device is a dual high side power switch dedicated for
automotive applications. In comparison with mechanical
relays, this device offers higher reliability as well as protection
and diagnostic features. It has been designed to be directly
connected to the battery voltage.
In the future, the number of electronic switches directly
connected to the battery will increase, so the MC33286
includes a special input trigger and architecture which allows
to have a very low standby current when the Vbat is lower than
12V.
The MC33286 concept uses a dual chip approach packaged
in a single SO20 package. This low power package can be used
because the ON resistance of the switch (35m
Ω max at 25°C)
guarantees a low power dissipation (less than 300mW) when
driving two 21Watts lamps. The two chips are internally connected
by die to die wire bonding to allow the transfer of analog and
control information between the two dice.
The two chips are the Control and Power dice.
The
Control
chip
uses
the
SMARTMOS3.5NVM
technology. The two channels of this control chip are totally
symmetrical and independant. It drives the gate of the output
power MOSFET and manages the analog information from the
power MOSFET die to ensure power device protection.
The Power chip uses the HDTMOS3 technology. It has
one independent sources plus current sensing cells for open
load detection and current limitation. In addition, a thermal
sensor (diode) is located in the middle of each source to
protect the MC33286 against overtemperature. The drain of
the Power die is connected to the battery voltage by the lead
frame of the package. This lead frame has been especially
developed and has eight pins connected together to the Vbat.
These pins are used as the Vbat connection as well as thermal
path.
Supply Voltage
The MC33286 can be directly connected to the Vbat line.
Figure 4 shows the supply voltage characteristics. The Vbatc
(Vbat of Control die, pin 10) and Vbat (Vbat of power die, pins 1,
2, 5, 6, 15, 16, 19, 20) are not internally connected, so the Vbat
and Vbatc have to be connected externally by the printed
circuit board.
Under Voltage
Figure 4 also shows the supply voltage characteristic
when one or two sides of the MC33286 are turned on. From
0V to undervoltage level (7V typical), all blocks of the
MC33286 are not totally supplied. The undervoltage threshold
value versus temperature is shown in Figure 2.The under
voltage function allows the turn-off of the output transistor,
because the Vbat voltage will be not enough to guarantee the
full on state of the output transistor due to an incomplete drive
of the gate. When the Vbat is greater than the undervoltage
threshold, the supply current increases due to the charge
pump start up and MOSFET driver activation.
Reverse Battery Protection
When a negative battery voltage arises, the current flows
in a reverse direction from the source region to drain region of
both of the MosFets through the body diode. The limitation is
then the temperature reached by the junction, which is linked
to the thermal impedance from the junction to the ambiant.
Input Trigger
The MC33286 has a special input trigger circuitry allowing
the device to have less than 0.5µA typical standby current.
When the input level is below 1.5V, the circuit is in sleep mode
(see Figure 4).
Status Output
The output status is an open drain structure, active at low
level, so an external pull-up resistor is required to read the
status information.
The status indicates the open load and the over
temperature information. The output short-circuit, current
limitation and Vbat undervoltage are not reported on the status
pin. But an output short-circuit to Gnd will be detected by an
overtemperature because the total power dissipation of the
device will make it reach the thermal detection.
Open Load Function
The open load detection is active during the ON phase (Hot
open load detection). An amplifier measures the differential volt-
age between Vbat and Vout (this value is typically 400mA) at
25°C.
An open load condition will create a voltage lower than 12mV
and the open load circuitry will detect it and will pull down the sta-
tus output. If the open load condition is present before the device
turn-on, the status will be pulled down after a delay due to the rise
time of the output.
Overcurrent Function (High Current Limitation)
The device incorporates a current limitation at 30 Amps
typical when outputs are loaded (Vout > 1V) . A 21 Watts lamp
has a nominal current of about 2 amp and at turn on, the
MC33286 has to drive a peak current of about 12A, as the
lamp inrush current is about six times the nominal DC current.
A standard current limitation set up at 30A will not being
activated during the inrush current of one lamp but will protect
the circuit against overcurrent. Figure 3 shows the overcurrent
threshold versus temperature.
Short Circuit Protection (Low Current Limitation)
During a hard short-circuit to Gnd, the power dissipation
would be 30A x 14V = 420 Watts if only the overcurrent
limitation exists. The thermal protection will be activated and
switch
the device
off. Nevertheless the peak power
dissipation and energy is quite high.
Therefore,
a
short
circuit
protection
has
been
implemented and is activated when the output voltage is lower
than about 1V . As shown in the Figure 5, the low current
limitation decreases with temperature. In the case of a short
circuit, the power dissipated in the device decreases with time
due to the decay of the current limitation with temperature.
Overtemperature Function
The overtemperature function uses a thermal sensor
located in the middle of each output power HDTMOS
transistor. The sensor is a diode connected to Vbat in the
power die. The diode forward voltage varies of -2mV/°C. So,
by measuring the diode voltage the power output MOSFET
temperature is monitored. This diode voltage information is
transferred to the control die and compared to a reference
voltage generated from the band gap reference generator.
When the temperature reaches the overtemp threshold, the
circuit is turned off. As the input voltage is still high, the circuit
is not in wake mode but the current consumption decreases
due to the turn-off of the charge pump. The overtemperature
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com