Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33286DW Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # PC33286DW
Description  Automotive Dual High Side Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33286DW Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  PC33286DW Datasheet HTML 1Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 2Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Simplified Application Schematic
MCU
-
VBAT
MC33286
OUT1
OUT2
5V
ST2
ST1
IN1
IN2
VBATC
+
5V
5V
PIN ASSIGNMENT
1
2
3
5
4
6
7
8
9
10
20
11
12
13
14
15
16
17
18
19
Vbat
Vbat
Out1
Out1
Vbat
Vbat
NC
In 1
St1
Vbatc
Vbat
Vbat
Out2
Out2
Vbat
Vbat
NC
In 2
St2
Gnd
21W
21W
DW SUFFIX
SO20WB Package
CASE 751D-05
Device
Operating
Temperature Range
Package
PC33286DW
TA=-40° to +125°C
SO20
ORDERING INFORMATION
AUTOMOTIVE DUAL HIGH
SIDE DRIVER
SEMICONDUCTOR
TECHNICAL DATA
MC33286
Advance Information
Automotive Dual
High Side Driver
Semiconductor Technical Data
MOTOROLA
Order Number: MC33286/D
Rev. 5.4, 06/2001
This document contains information on a new product. Specifications and
information herein are subject to change without notice.
© Motorola, Inc., 2001. All rights reserved.
TM
This device is a dual high side power switch dedicated for automoive
applications. In comparison with mechanical relays, this device offers higher
reliability as well as protection and diagnostic features.
The device consists of two independent 35m
Ω Rdson switches in a
surface mount package. It can be directly interfaced with a microcontroller
for control and diagnostic functions. The device is fully protected against
overcurrents, short-circuits and incorporates an overtemperature shutdown.
It can be directly and continuously supplied by the battery and offers a very
low quiescent current in standby mode.
• Designed for Automotive Applications
• Junction Temperature Range from -40°C to 150°C
• Operating Voltage Range from 8V to 40V
• Maximum Breakdown Voltage greater than 40V
• Surface Mount Package
• 35m
Ω Rdson at 25°C
• Overtemperature Protection with Hysteresis
• Under Voltage Shutdown
• Reverse Battery protected
• Open Load Detection in On-State
• Diagnostic Output
• ESD Protection 2kV
• Current Limitation at 30A
• Loss of ground protected
• Standby Current less than 10
µA at Vbat = 14V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - PC33286DW

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC332 PICKER-PC332 Datasheet
147Kb / 2P
Telecom Relay
PC332-12H-X PICKER-PC332-12H-X Datasheet
3Mb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC332-12L-X PICKER-PC332-12L-X Datasheet
3Mb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC332-12NIL-X PICKER-PC332-12NIL-X Datasheet
3Mb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC332-24H-X PICKER-PC332-24H-X Datasheet
3Mb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
More results

Similar Description - PC33286DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33198 MOTOROLA-MC33198 Datasheet
296Kb / 11P
Automotive High Side TMOS Driver
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
Automotive Dual High Side Driver
logo
Freescale Semiconductor...
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
Automotive Dual High Side TMOS Driver
33198 FREESCALE-33198 Datasheet
375Kb / 17P
Automotive High-Side TMOS Driver
33285 FREESCALE-33285_07 Datasheet
317Kb / 13P
Dual High-Side TMOS Driver
logo
International Rectifier
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
DUAL HIGH SIDE DRIVER IC
IRS21858SPBF IRF-IRS21858SPBF Datasheet
238Kb / 19P
High(Dual Mode) Side Driver
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
DUAL HIGH SIDE DRIVER IC
IRS21858SPBF IRF-IRS21858SPBF_15 Datasheet
238Kb / 19P
High(Dual Mode) Side Driver
logo
ON Semiconductor
FAN7171-GF085 ONSEMI-FAN7171-GF085 Datasheet
1,003Kb / 10P
High-Side Automotive Gate Driver IC
December-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com