Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33286DW Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # PC33286DW
Description  Automotive Dual High Side Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33286DW Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  PC33286DW Datasheet HTML 1Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 2Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC33286
Automotive Dual High Side Driver
2
NOTES : 1. During lamps inrush current. Value internally limited.
2. Device mounted with minimum pcb dimensions.
MAXIMUM RATINGS
Ratings
Symbol
Value
Unit
Vbat and Vbatc Voltage : Continuous/Pulse
Vbat
-0.3 to 40
V
OUT1, OUT2 Voltage with Respect to Gnd : Continuous/
Pulse
Vout
-0.3 to 40
V
OUT1, OUT2 to Vbtap Voltage : Continuous
Vout
40
V
St1, St2 Voltage : Continuous/Pulse
Vst
-0.3 to 5.5
V
IN1, IN2 Voltage : Continuous/Pulse
Vin
-0.3 to 10
V
In1, In2, St1, St2 Current
Iin
+/-4
mA
ESD all Pins
Vesd
+/-2000
V
OUT1, OUT2 DC Output Current
Iout
6A
OUT1, OUT2 Pulse Current (Note 1)
Ioutp
30
A
THERMAL RATINGS
Junction Temperature
Tj
-40 to 150
°C
Storage Temperature
Tst
-65 to 150
°C
Thermal Resistance Junction to Ambient (note 2)
Rthja
70
°C/W
ELECTRICAL CHARACTERISTICS T
j from - 40°C to +125°C, Vbat from 8V to 16V, unless otherwise noted.Typical values reflect approximate mean
at 25°C, Vbat =12V, at time of device characterization.
Description
Symbol
Characteristics
Unit
Conditions
Min
Typ
Max
Operating Voltage
Vbat
840
V
Under Voltage Threshold
Vuv
78
V
Drain-Source on Resistance
Rdson
25
35
m
Ω
Vbat > 9V ; Tj = 25°C
Drain-Source on Resistance
Rdson
35
50
m
Ω
Vbat > 9V ; Tj = 150°C
High Current Limitation
Ilimh
30
A
VOUT > 1V
Short-Circuit Current Limitation
Iliml
10
A
VOUT < 1V, Tj = 25°C
Body Diode Forward Voltage
Vf
0.7
V
Iout = -2A, Tj = 25°C
Body Diode Forward Voltage
Vf
0.6
V
Iout = -2A, Tj = 125°C
Hot Open Load Current
Iol
400
700
mA
Device in On State
Standby Current
Istdby
10
µAVbat < 14V ; Vin < 0.8V
Supply Current : One Channel On
Ion1
10
mA
In1 or In 2 in High State
Supply Current : Both Channels On
Ion2
20
mA
In1 and In 2 in High State
Low Input Voltage
Vil
1.5
V
High Input Voltage
Vih
3.5
V
Input Hysteresis
Vhyst
0.4
0.7
0.9
V
Input Current
Iih
20
100
µAVin = 3.5V
Status Voltage
Vstatus
0.5
V
Ist = 1mA ; Output in Fault
Thermal Shutdown
Tshut
150
°C
Thermal Shutdown Hysteresis
Thyst
20
°C
Output Maximum Positive Slew Rate
Srpout
0.05
0.2
0.5
V/
µs
Load = 6
Ω, Vbat =12V
Output Maximum Negative Slew Rate
Srnout
0.15
0.8
1.5
V/
µs
Load = 6
Ω, Vbat =12V
PWM frequency
fPWM
150
Hz
Turn-on Delay Time
tdon
100
150
µs
In=2.5V to 10% Vout,
Vbat=12V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com