Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33286DW Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # PC33286DW
Description  Automotive Dual High Side Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33286DW Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

  PC33286DW Datasheet HTML 1Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 2Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33286DW Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Automotive Dual High Side Driver
7
Figure 2. Undervoltage Threshold Versus Temperature
Figure 3. High Current Limitation Versus Temperature
Figure 4. Battery Supply Current Versus Vbat
Figure 5. Short Circuit Current Limitation Versus
Temperature
Figure 6. OpenLoad Current Threshold Versus
Temperature
Figure 7. Ron Versus Temperature
2 Sides ON
1 Side ON
2 Sides OFF
1,0
1,1
-50
0
25
100
-25
50
75
125
1,2
1,3
1,4
1,5
0,90
0,80
0,70
8
6
4
2
0
-50
0
50
100
150
40
30
20
10
0
-50
0
50
100
200
150
TEMPERATURE (°C)
TEMPERATURE (°C)
TEMPERATURE (°C)
TEMPERATURE (°C)
TEMPERATURE (°C)
BATTERY VOLTAGE (V)
8
6
4
2
0
10
12
20
15
10
5
0
-50
0
50
100
200
150
010
20
30
40
-50
0
50
100
150
600
450
300
150
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com