Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2525L-R Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc.

Part # SE2525L-R
Description  RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2525L-R Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc.

  SE2525L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SE2525L
RangeCharger™ 2.4GHz Power Amplifier with Power Detector
Preliminary Information
28-DST-01 Rev 2.1 Apr-25-2006
Confidential
2 of 12
QA042506
Pin Out Diagram
4
1
2
3
12
11
10
9
SE2525L
Bottom View
SE2525L
TopView
VEN
VB
VCC0
I N
OUT/VCC3
GND
GND
GND
9
12
11
10
1
2
3
4
VEN
VB
VCC0
I N
OUT/VCC3
GND
GND
GND
Figure 2: SE2525L Pin-Out Diagram
Pin Out Description
Pin No.
Name
Description
1
IN
Power amplifier RF input; DC block required.
2
VEN
Digital pin used to power up and power down the IC
3
VB
Controls the bias level of the power amplifier
4
VCC0
Bias/control circuit supply voltage
5
VREG
Internal regulator output
6
N/C
No Connect (Do not attach to GND or VCC)
7
VDET OUT
Analog power detector output
8
VDET IN/DETSEL
Power Detector Input
9 -10
GND
Ground
11
OUT/ VCC3
Power Amplifier RF output and Stage 3 collector supply voltage
12
GND
Ground
13
VCC2
Stage 2 collector supply
14
SLOPESEL
Slope Select (N/C = Positive, GND = Negative)
15
VCC1
Stage 1 collector supply
16
GND
Ground
Die Pad
GND
Exposed die pad; electrical and thermal ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com