Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2525L-R Datasheet(PDF) 6 Page - SiGe Semiconductor, Inc.

Part # SE2525L-R
Description  RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2525L-R Datasheet(HTML) 6 Page - SiGe Semiconductor, Inc.

Back Button SE2525L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 10Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SE2525L
RangeCharger™ 2.4GHz Power Amplifier with Power Detector
Preliminary Information
28-DST-01 Rev 2.1 Apr-25-2006
Confidential
6 of 12
QA042506
Internal Coupled Power Detector
Internal Coupled Positive Slope
Conditions: VCC = VEN = 3.3 V, f = 2.45 GHz, VB connected to VREG, SLOPESEL = Open Circuit, VDET IN/DETSEL =
GND, TA = 25 °C, as measured on SiGe Semiconductor’s SE2525L-EV1 evaluation board, unless
otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
PDR
POUT detect range
-
0
-
P1dB
dBm
VDET
Detector voltage
POUT = 23 dBm
-
1.15
-
V
VDET
Detector voltage
POUT = 19 dBm
-
0.73
-
V
VDET
Detector voltage
POUT = NO RF
-
0.35
-
V
PDZOUT
Output Impedance
-
250
-
700
Ω
PDZLOAD
DC load impedance
-
10
-
-
kΩ
Internal Coupled Negative Slope
Conditions: VCC = VEN = 3.3 V, f = 2.45 GHz, VB connected to VREG, VDETOUT load = 2.4 kΩ to ground, SLOPESEL =
VDET IN/DETSEL = GND, TA = 25 °C, as measured on SiGe Semiconductor’s SE2525L-EV1 evaluation
board, unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
PDR
POUT detect range
-
0
-
P1dB
dBm
VDET
Detector voltage
POUT = 23 dBm
-
0.42
-
V
VDET
Detector voltage
POUT = 19 dBm
-
0.64
-
V
VDET
Detector voltage
POUT = NO RF
-
0.90
-
V
SE2525L Internal Coupled Power Detector
(Positive)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
6
8
10
12
14
16
18
20
22
24
26
28
Output Power (dBm)
SE2525L Internal Coupled Power Detector
(Negative)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
7
9
11
13
15
17
19
21
23
25
Output Power (dBm)
Figure 3: SE2525L Internal Coupled Power Detector Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com