Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2525L-R Datasheet(PDF) 5 Page - SiGe Semiconductor, Inc.

Part # SE2525L-R
Description  RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2525L-R Datasheet(HTML) 5 Page - SiGe Semiconductor, Inc.

  SE2525L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SE2525L
RangeCharger™ 2.4GHz Power Amplifier with Power Detector
Preliminary Information
28-DST-01 Rev 2.1 Apr-25-2006
Confidential
5 of 12
QA042506
802.11b AC Electrical Characteristics
Conditions: VCC = VEN = 3.3 V, f = 2.45 GHz, VB connected to VREG, TA = 25 °C, as measured on SiGe
Semiconductor’s SE2525L-EV1 evaluation board, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fL-U
Frequency Range
2400
2500
MHz
P1dB
Output 1dB compression point
No modulation
-
25.5
-
dBm
S21
Small Signal Gain
PIN = -25 dBm
28
31
-
dB
∆S21
Gain Variation over band
PIN = -25 dBm,
fIN= 2400 to 2500 MHz
-
2.0
-
dB
2f,
-
-27
-
dBm/MHz
3f
Harmonics
POUT = 23 dBm, CW
-
-47
-
dBm/MHz
ACPR
Adjacent Channel Power Ratio
±11 MHz offsets from carrier
±22 MHz offsets from carrier
POUT = 23 dBm, 11
Mbps CCK signal, BT =
0.45
-
-
-32
-52
-
-
dBr
STAB
Stability
PIN ≤ 2 dBm,
POUT = 23 dBm, 11
Mbps CCK signal, BT =
0.45, VSWR = 6:1
All non-harmonically related outputs less
than -50 dBc/100 kHz
VSWR
Tolerance to output load
mismatching
PIN ≤ 2 dBm,
POUT = 23 dBm, 11
Mbps CCK signal, BT =
0.45, VSWR = 10:1 All
Phases
No damage
Detector Selection Logic
Conditions: VCC = VEN = 3.3V, VB = VREG, TA = 25°C, as measured on SiGe Semiconductor’s SE2525L-EV1
evaluation board, unless otherwise noted
SLOPESEL
VDETIN/DETSEL
Detector Slope
Detector Signal Source
Open Circuit
AC Coupled
Positive
External
Open Circuit
Ground
Positive
Internal
Ground
AC Coupled
Negative
External
Ground
Ground
Negative
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com