Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2525L-R Datasheet(PDF) 8 Page - SiGe Semiconductor, Inc.

Part # SE2525L-R
Description  RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2525L-R Datasheet(HTML) 8 Page - SiGe Semiconductor, Inc.

Back Button SE2525L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 10Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 11Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 12Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SE2525L
RangeCharger™ 2.4GHz Power Amplifier with Power Detector
Preliminary Information
28-DST-01 Rev 2.1 Apr-25-2006
Confidential
8 of 12
QA042506
Typical Performance Characteristics
Conditions: VCC = VEN = 3.3 V, f = 2.45 GHz, VB connected to VREG, TA = 25 °C, as measured on SiGe
Semiconductor’s SE2525L-EV1 evaluation board, unless otherwise noted
General
VDET vs. Output Power (Postive Slope)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
7
9
11
13
15
17
19
21
23
25
27
Output Power (dBm)
External Coupling
Internal Coupling
VDET vs. Output Power (Negative Slope)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
7
9
11
13
15
17
19
21
23
25
Output Power (dBm)
External Coupling
Internal Coupling
Figure 5: SE2525L Power Detector Response (Positive Slope, Negative Slope)
Output Power, Icc vs. CW Input Power Sweep vs. Frequency
0
5
10
15
20
25
30
-25
-23
-21
-19
-17
-15
-13
-11
-9
-7
-5
-3
Input Power (dBm)
0
0.1
0.2
0.3
0.4
0.5
0.6
Pout 2400 MHz
Pout 2450 MHz
Pout 2500 MHz
Icc 2400 MHz
Icc 2450 MHz
Icc 2500 MHz
2nd, 3rd Harmonic vs. Output Power vs. Frequency
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
15
16
17
18
19
20
21
22
23
24
25
26
27
Output Power (dBm)
2nd Harmonic 2400 MHz
2nd Harmonic 2450 MHz
2nd Harmonic 2500 MHz
3rd Harmonic 2400 MHz
3rd Harmonic 2450 MHz
3rd Harmonic 2500 MHz
Figure 6: SE2525L CW Sweep and 2nd, 3rd Harmonics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com