Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2525L-R Datasheet(PDF) 9 Page - SiGe Semiconductor, Inc.

Part # SE2525L-R
Description  RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2525L-R Datasheet(HTML) 9 Page - SiGe Semiconductor, Inc.

Back Button SE2525L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 10Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 11Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 12Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SE2525L
RangeCharger™ 2.4GHz Power Amplifier with Power Detector
Preliminary Information
28-DST-01 Rev 2.1 Apr-25-2006
Confidential
9 of 12
QA042506
802.11b Performance
802.11B 11Mbs ACPR-CH1 vs. Output Power vs. Frequency
-40
-38
-36
-34
-32
-30
-28
-26
16
17
18
19
20
21
22
23
24
25
26
Output Power (dBm)
2400 MHz
2450 MHz
2500 MHz
802.11B 11Mbs ACPR-CH2 vs. Output Power vs. Frequency
-65
-63
-61
-59
-57
-55
-53
-51
-49
-47
-45
16
17
18
19
20
21
22
23
24
Output Power (dBm)
2400 MHz
2450 MHz
2500 MHz
Figure 7: SE2525L Adjacent and Alternate Channel ACPR (Over Frequency)
802.11B 11Mbs ACPR-CH1 vs. Output Power vs. Voltage
-40
-38
-36
-34
-32
-30
-28
-26
16
17
18
19
20
21
22
23
24
25
26
Output Power (dBm)
2.7V
3.0V
3.3V
3.6V
802.11B 11Mbs ACPR-CH2 vs. Output Power vs. Voltage
-65
-63
-61
-59
-57
-55
-53
-51
-49
-47
-45
16
17
18
19
20
21
22
23
24
Output Power (dBm)
2.7V
3.0V
3.3V
3.6V
Figure 8: SE2525L Adjacent and Alternate Channel ACPR (Over Voltage)
802.11g Performance
802.11G 54Mbs EVM (%) vs. Output vs. Frequency
0
1
2
3
4
5
6
7
3
5
7
9
11
13
15
17
19
21
Output Power (dBm)
2400 MHz
2450 MHz
2500 MHz
802.11G 54Mbs EVM (%) vs. Output vs. Frequency and Temperature
0
1
2
3
4
5
6
7
3
5
7
9
11
13
15
17
19
21
Output Power (dBm)
2.7V
3.3V
3.6V
Figure 9: SE2525L 802.11g 54Mbps EVM (Over Frequency, Over Voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com