Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2525L-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2525L-R
Description  RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2525L-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2525L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2525L-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SE2525L
RangeCharger™ 2.4GHz Power Amplifier with Power Detector
Preliminary Information
28-DST-01 Rev 2.1 Apr-25-2006
Confidential
1 of 12
QA042506
Applications
DSSS 2.4GHz WLAN (IEEE802.11b)
OFDM 2.4GHz WLAN (IEEE802.11g)
Access Points, PCMCIA, PC cards
Features
+19 dBm, EVM = 2.7%, 802.11g, OFDM 54 Mbps
+23 dBm, ACPR < -32 dBr, 802.11b
+25.5 dBm P1dB at 3.3 V
Selectable integrated external or internal coupled
temperature compensated power detector
Selectable Power Detector Slope for use with
multiple chipsets (Negative and Positive)
Integrated power amplifier enable pin (VEN)
Single supply voltage: 2.7 to 3.6 V
Lead free and RoHS Compliant
Small plastic package, 16 pin 4 mm x 4 mm QFN
Ordering Information
Type
Package
Remark
SE2525L
16 Pin QFN
Samples
SE2525L-R
16 Pin QFN
Tape and Reel
SE2525L-EK1
Evaluation Kit
Standard
Product Description
The SE2525L is a 2.4GHz power amplifier designed
for use in the 2.4GHz ISM band for wireless LAN
applications. The device incorporates two selectable
power detectors for closed loop monitoring of the
output power.
For wireless LAN applications, the device meets the
requirements of 802.11g and delivers +19 dBm, at an
EVM of 2.7% and current of 160 mA @ 3.3 V.
The SE2525L‘s bias architecture provides for lower
current consumption at lower output power levels.
Also, the devices bias (VB) control allows for further
minor customization of the bias current for power
saving at lower output powers.
The SE2525L includes a digital enable control for
device on/off control.
The SE2525L has two selectable power detectors.
The internally coupled signal is selected by grounding
the VDETIN/DETSEL pin. This detector detects signal at
the second stage improving the accuracy under
output mismatch conditions. The second detector
uses an external RF input pin which would typically be
taken from a directional coupler output. Both
detectors are temperature compensated for minimum
component count and high accuracy. Each of these
power detectors also have selectable positive and
negative slopes for ease of use with all chipsets.
Please note this device is not recommended for
new designs.
SiGe’s SE2528L is a pin for pin
compatible device and can be used in existing
SE2525L application boards with only component
value changes. Application notes are available to
assist in the change.
Functional Block Diagram
V CC0
VB
V DETOUT
OUT/VCC3
IN
V CC1
V CC2
Stage 2
Stage 1
Stage 3
Bias Generator
V DETIN/
DETSEL
Detector
(with Switch)
V REG
V EN
SLOPE SEL
Figure 1: Functional Block Diagram


Similar Part No. - SE2525L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2520 SIGE-SE2520 Datasheet
345Kb / 8P
RangeCharger 2.4GHz Power Amplifier IC Final
SE2520L SIGE-SE2520L Datasheet
345Kb / 8P
RangeCharger 2.4GHz Power Amplifier IC Final
SE2520L-EK1 SIGE-SE2520L-EK1 Datasheet
345Kb / 8P
RangeCharger 2.4GHz Power Amplifier IC Final
SE2520L-EK3 SIGE-SE2520L-EK3 Datasheet
345Kb / 8P
RangeCharger 2.4GHz Power Amplifier IC Final
SE2520L-R SIGE-SE2520L-R Datasheet
345Kb / 8P
RangeCharger 2.4GHz Power Amplifier IC Final
More results

Similar Description - SE2525L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2522BL SIGE-SE2522BL Datasheet
399Kb / 8P
RangeCharger??2.4GHz 23 dBm Power Amplifier Preliminary Information
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
SE2529L SIGE-SE2529L Datasheet
190Kb / 10P
RangeCharger 2.4GHz Power Amplifier
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
5 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE5023L-DS SKYWORKS-SE5023L-DS Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com