Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5553 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC5553 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
Electrical Characteristics
MPC5553 Microcontroller Data Sheet, Rev. 2.0
Freescale Semiconductor
33
5
CLKOUT positive edge to
output signal invalid or
Hi-Z (hold time)
External bus interface
ADDR[8:31]
BDIP
CS[0:3]
DATA[0:31]
OE
RD_WR
TA
TEA
TS
WE/BE[0:3]
tCOH
1.04
1.5
—
1.04
1.5
—
1.04
1.5
—ns
EBTS=0
EBTS=1
Hold time
selectable via
SIU_ECCR[EBTS]
bit.
Calibration bus interface
CAL_ADDR[10:11, 27:30]
CAL_CS[0, 2:3]
CAL_DATA[0:15]
CAL_WE/BE[0:1]
tCCOH
1.05
1.5
—
1.04
1.5
—
1.04
1.5
—ns
EBTS=0
EBTS=1
Hold time
selectable via
SIU_ECCR[EBTS]
bit.
6
CLKOUT positive edge to
output signal valid
(output delay)
External bus interface
ADDR[8:31]
BDIP
CS[0:3]
DATA[0:31]
OE
RD_WR
TA
TEA
TS
WE/BE[0:3]
tCOV
—
10.04
11.0
—
7.54
8.5
—
6.04
7.0
ns
EBTS=0
EBTS=1
Output valid time
selectable via
SIU_ECCR[EBTS]
bit.
6a
CLKOUT positive edge to
output signal valid
(output delay)
Calibration bus interface
CAL_ADDR[10:11, 27:30]
CAL_CS[0, 2:3]
CAL_DATA[0:15]
CAL_WE/BE[0:1]
tCCOV
—
11.04
12.0
—
8.54
9.5
—
7.04
8.0
ns
EBTS=0
EBTS=1
Output valid time
selectable via
SIU_ECCR[EBTS]
bit.
Table 22. Bus Operation Timing1 (continued)
Spec
Characteristic
and
Description
Symbol
40 MHz
(ext. bus)2
56 MHz
(ext. bus)2
66 MHz
(ext. bus)2
Unit
Notes
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com