Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5553 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC5553 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 66Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
MPC5553 Revision History
MPC5553 Microcontroller Data Sheet, Rev. 2.0
Freescale Semiconductor
63
Table 33 is the new format for the Revision History and changes continue from Table 32.
Table 33. MPC5553 Revision History (continued)
Revision
Author
Date
Substantive Change(s)
Rev. 1.1
NH
02/02/07
Changes per RD initial review:
• Changed the values in Table 14 for the H7Fa Flash pre-program and erase times.
Typical and Initial Max values changed.
• Typical Values —
16 Kbytes: from 265 to 325
48 Kbytes: from 340 to 435
64 Kbytes: from 400 to 525
128 Kbytes: from 500 to 675
• Initial Max Values —
16 Kbytes: from 400 to 525
48 Kbytes: from 400 to 525
64 Kbytes: from 500 to 675
128 Kbytes: from 1250 to 1800
Rev. 1.1
NH
02/06/07
Changes per RD second review:
• Added Figure 3 to show interpolated IDDSTBY values listed in Table 9.
• Table 9 DC Electrical Specifications: Changed wording of footnote 3. Spec 28:
Corrected conditional text error showing wrong frequency. Spec 29: Deleted
frequency information.
• Table 6 FMPLL Electrical Characteristics: Grouped (2 x Cl) in Specs 12 and 13.
• Table 7 Power Sequence Pin Status for Fast Pads, updated paragraph.
• Table 8 Power Sequence Pin Status, updated preceding paragraph.
• Section 3.7.1, “Input Value of Pins During POR Dependent on VDD33 Updated
paragraph to remove redundancy,
• Table 16 Flash BIU Settlings: Changed wording of footnote from “Can be changed
after Analysis and Characterization” to “These values may change after
characterization.”
• Table 17and Table 18: Deleted the words ‘not’ from footnote 2. Changed from ‘This
parameter is supplied for reference and is not guaranteed by design and not tested’
to ‘This parameter is supplied for reference and is guaranteed by design and tested.’
• Table 22 Bus Operation Timing: Specs 5 and 6: corrected format to show the bus
timing values for various frequencies with EBTS bit = 0 and EBTS bit = 1.
Specs 6 and 7: Added the calibrations signals: CAL_ADDR, CAL_WE/BE, CAL_CS,
CAL_DATA.
• Table 26 DSPI Timing: Added to beginning of footnote 1 ‘All DSPI timing
specifications use the fastest slew rate (SRC=0b11) on pad type M or MH. DSPI
signals using pad types of S or SH have an additional delay based on the slew rate.’
• Table 27 EQADC SS Timing Characteristics: combined footnotes 1 and 2. Moved
footnotes 1 and 2 to Spec 2 and deleted Spec 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com