Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5553 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC5553 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 2.0
Electrical Characteristics
Freescale Semiconductor
34
7
Input signal valid to CLKOUT
positive edge (setup time)
External bus interface
ADDR[8:31]
BDIP
DATA[0:31]
OE
RD_WR
TA
TEA
TS
WE/BE[0:3]
tCIS
10.0
—7.0
—5.0
—
ns
7a
Input signal valid to CLKOUT
positive edge (setup time)
Calibration bus interface
CAL_ADDR[10:11, 27:30]
CAL_CS[0, 2:3]
CAL_DATA[0:15]
CAL_WE/BE[0:1]
tCCIS
11.0
—8.0
—6.0
—
ns
8
CLKOUT positive edge to
input signal invalid (hold time)
External bus interface
ADDR[8:31]
BDIP
DATA[0:31]
OE
RD_WR
TA
TEA
TS
WE/BE[0:3]
tCIH
1.0
—
1.0
—
1.0
—
ns
Calibration bus interface
CAL_ADDR[10:11, 27:30]
CAL_CS[0, 2:3]
CAL_DATA[0:15]
CAL_WE/BE[0:1]
tCCIH
1.0
—
1.0
—
1.0
—
ns
1 EBI timing specified at V
DD = 1.35–1.65 V, VDDE = 1.6–3.6 V (unless stated otherwise),
VDD33 and VDDSYN = 3.0–3.6 V, TA = TL to TH, and CL = 30 pF with DSC = 0b10.
2 The external bus is limited to half the speed of the internal bus.
3 Refer to fast pad timing in Table 17 and Table 18 (different values for 1.8 V and 3.3 V).
4 The EBTS = 0 timings are tested and valid at V
DDE = 2.25–3.6 V only,
whereas EBTS = 1 timings are tested and valid at VDDE = 1.6–3.6 V.
5 The EBTS = 0 timings are tested and valid at V
DDE = 2.25–3.6 V only,
whereas EBTS = 1 timings are tested and valid at VDDE = 1.6–3.6 V.
Table 22. Bus Operation Timing1 (continued)
Spec
Characteristic
and
Description
Symbol
40 MHz
(ext. bus)2
56 MHz
(ext. bus)2
66 MHz
(ext. bus)2
Unit
Notes
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com