Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5553 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC5553 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 2.0
Overview
Freescale Semiconductor
2
contains many new features coupled with high performance CMOS technology to provide significant
performance improvement over the MPC565.
The MPC5553 of the MPC5500 family has two levels of memory hierarchy. The fastest accesses are to the
8-kilobyte unified cache. The next level in the hierarchy contains the 64-kilobyte on-chip internal SRAM
and 1.5 Mbyte internal Flash memory. The internal SRAM and flash memory can hold instructions and
data. The external bus interface has been designed to support most of the standard memories used with the
MPC5xx family.
The complex input/output timer functions of the MPC5500 family are performed by an enhanced time
processor unit engine (eTPU). The eTPU engine controls 32 hardware channels. The eTPU has been
enhanced over the TPU by providing 24-bit timers, double-action hardware channels, variable number of
parameters per channel, angle clock hardware, and additional control and arithmetic instructions. The
eTPU can be programmed using a high-level programming language.
The less complex timer functions of the MPC5500 family are performed by the enhanced modular
input/output system (eMIOS). The eMIOS’ 24 hardware channels are capable of single-action,
double-action, pulse-width modulation (PWM), and modulus-counter operations. Motor control
capabilities include edge-aligned and center-aligned PWM.
Off-chip communication is performed by a suite of serial protocols including controller area networks
(FlexCANs), enhanced deserial/serial peripheral interfaces (DSPI), and enhanced serial communications
interfaces (eSCIs). The DSPIs support pin reduction through hardware serialization and deserialization of
timer channels and general-purpose input/output (GPIO) signals.
The MCU of the MPC5553 has an on-chip 40-channel enhanced queued dual analog-to-digital converter
(eQADC).
The system integration unit (SIU) performs several chip-wide configuration functions. Pad configuration
and general-purpose input and output (GPIO) are controlled from the SIU. External interrupts and reset
control are also determined by the SIU. The internal multiplexer submodule (SIU_DISR) provides
multiplexing of eQADC trigger sources, daisy chaining the DSPIs, and external interrupt signal
multiplexing.
The Fast Ethernet (FEC) module is a RISC-based controller that supports both 10 and 100 Mbps
Ethernet/IEEE® 802.3 networks and is compatible with three different standard MAC (media access
controller) PHY (physical) interfaces to connect to an external Ethernet bus. The FEC supports the 10 or
100 Mbps MII (media independent interface), and the 10 Mbps-only with a seven-wire interface, which
uses a subset of the MII signals. The upper 16-bits of the 32-bit external bus interface (EBI) are used to
connect to an external Ethernet device. The FEC contains built-in transmit and receive message FIFOs and
DMA support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com