Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5553 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC5553 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 66Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 2.0
MPC5553 Revision History
Freescale Semiconductor
64
Rev 2.0
NH
02/07/07
Changes per RD sign-off review:
• Changed paragraph preceding Table 7 Power Sequence Pin Status for the Fast
Pad:
From: Although there are no power up/down sequencing requirements to prevent
issues like latch-up, excessive current spikes, etc., the state of the I/O pins during
power up/down varies depending on power. Prior to exiting POR, the pads are in
a high impedance state (Hi-Z).
To: There are no power up/down sequencing requirements to prevent issues such
as latch-up, excessive current spikes, and so on. Therefore, the state of the I/O
pins during power up/down varies depending on which supplies are powered.
• Section 3.7.1, “Input Value of Pins During POR Dependent on VDD33,” changed
From:
To avoid accidentally selecting the bypass clock because PLLCFG[0:1] and
RSTCFG are not treated as ones (1s) when POR negates, VDD33 must not lag
VDDSYN and the RESET pin power (VDDEH6) when powering the device by
more than the VDD33 lag specification in Table 6. VDD33 individually can lag
either VDDSYN or the RESET power pin (VDDEH6) by more than the VDD33 lag
specification. VDD33 can lag one of the VDDSYN or VDDEH6 supplies, but cannot
lag both by more than the VDD33 lag specification. This VDD33 lag specification
only applies during power up. VDD33 has no lead or lag requirements when
powering down.
To:
When powering the device, VDD33 must not lag VDDSYN and the RESET power
pin (VDDEH6) by more than the VDD33 lag specification listed in Table 6. This
avoids accidentally selecting the bypass clock mode because the internal versions
of PLLCFG[0:1] and RSTCFG are not powered and therefore cannot read the
default state when POR negates. VDD33 can lag VDDSYN or the RESET power
pin (VDDEH6), but cannot lag both by more than the VDD33 lag specification. This
VDD33 lag specification only applies during power up. VDD33 has no lead or lag
requirements when powering down.
• Table 22 Bus Operation Timing:
Added the correct pins to the calibration signals:
CAL_ADDR[10:11, 27:30], CAL_WE/BE[0:1], CAL_CS[0, 2:3], and
CAL_DATA[0:15]. Added calibration signals to Specs 5 and 8.
• Corrected the following EBI signals:
Specs 7 and 8: Added the following signals to Specs 7 and 8 the EBI section: OE,
RD_WR, and BDIP. Broke out Spec 6 CLKOUT Posedge to output signal valid into
Spec 6 for the EBI signals, and Spec 6a for the calibration signals, Broke out Spec 7
Input Signal Valid to CLKOUT Posedge into Spec 7 for the EBI signals, and Spec 7a
for the calibration signals.
• Section 3.7.3, “Power-Down Sequence (VRC33 Grounded)” Deleted the underscore
in ORed_POR to become ORed POR.
Rev 2.0
NH
2/09/07
Table 22 Bus Operation Timing:
Removed references to CAL_OE, CAL_RD_WR, and CAL_TS because they really use
the EBI signals OE, RD_WR, and TS on the MPC5553.
Table 33. MPC5553 Revision History (continued)
Revision
Author
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com