Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5553 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC5553 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 66Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 2.0
MPC5553 Revision History
Freescale Semiconductor
62
5
MPC5553 Revision History
Table 32 provides a revision history of the MPC5553 Data Sheet.
Table 32. MPC5553 Revision History
Revision
Location(s)
Substantive Change(s)
Rev. 0
This is the first released version of this document.
Rev. 1
Table 1
Footnote added to Freescale Part Number column.
Table 2
Footnotes 6, 8, and 9 changed from 1mA to 2mA.
Figure 39, Figure 40,
Figure 41
Second page of package drawings added.
Figure 37
Removed note about pin R1 in the figure and added a Note above it instead.
Rev. 1.1
Throughout
Editorial changes: subscripting, simplifying language.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com