Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8248VRB Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC8248VRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8248VRB Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC8248VRB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
Freescale Semiconductor
53
Pinout
No connect 4
D194, J34, AD24 5
I/O power
B4, F3, J2, N4, AD1, AD5, AE8,
AC13, AD18, AB24, AB26, W23,
R25, M25, F25, C25, C22, B17, B12,
B8, E6, F6, H6, L5, L6, P6, T6, U6,
V5, Y5, AA6, AA8, AA10, AA11,
AA14, AA16, AA17, AB19, AB20,
W21, U21, T21, P21, N21, M22,
J22, H21, F21, F19, F17, E16, F14,
E13, E12, F10, E10, E9
Core Power
F5, K5, M5, AA5, AB7, AA13, AA19,
AA21, Y22, AC25, U22, R22, L21,
H22, E22, E20, E15, F13, F11, F8,
L3, V4, W3, AC11, AD11, AB15,
U25, T24, J24, H25, F23, B19, D17,
C17, D10, C10
Ground
E19, E2, K1, Y2, AE1, AE4, AD9,
AC14, AE17, AC19, AE25, V24,
P26, M26, G26, E26, B21, C12,
C11, C8, A8, B18, A18, A2, B1, B2,
A5, C5, D4, D6, G2, L4, P1, R1, R4,
AC4, AE7, AC23, Y25, N24, J23,
A23, D23, D20, E18, A13, A16, K10,
K11, K12, K13, K14, K15, K16, K17,
L10, L11, L12, L13, L14, L15, L16,
L17, M10, M11, M12, M13, M14,
M15, M16, M17, N10, N11, N12,
N13, N14, N15, N16, N17, P10, P11,
P12, P13, P14, P15, P16, P17, R10,
R11,R12, R13, R14, R15, R16, R17,
T10, T11, T12, T13, T14, T15, T16,
T17, U10, U11, U12, U13, U14, U15,
U16, U17
1
Must be tied to ground.
2
Should be tied to VDDH via a 2K
Ω external pull-up resistor.
3
The default configuration of the CPM pins (PA[8–31], PB[18–31], PC[0–1,4–29], PD[7–25, 29–31]) is input. To prevent
excessive DC current, it is recommended either to pull unused pins to GND or VDDH, or to configure them as outputs.
4
This pin is not connected. It should be left floating.
5
Must be pulled down or left floating
Table 20. Pinout (continued)
Pin Name
Ball
MPC8272/MPC8248 and
MPC8271/MPC8247
MPC8272/MPC8271 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com