Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8248VRB Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8248VRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8248VRB Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8248VRB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
2
Freescale Semiconductor
Overview
Devices in the MPC8272 family are available in two packages—the VR or ZQ package—as shown in
Table 2. For package ordering information, refer to Section 10, “Ordering Information.”
Table 1. MPC8272 PowerQUICC II Family Functionality
Functionality
Devices
MPC8272
MPC8248
MPC8271
MPC8247
Package 1
1
Refer to Table 2.
516 PBGA
Serial communications controllers (SCCs)
3
3
3
3
QUICC multi-channel controller (QMC)
Yes
Yes
Yes
Yes
Fast communication controllers (FCCs)
2
2
2
2
I-Cache (Kbyte)
16
16
16
16
D-Cache (Kbyte)
16
16
16
16
Ethernet (10/100)
2
2
2
2
UTOPIA II Ports
1
0
1
0
Multi-channel controllers (MCCs)
0
0
0
0
PCI bridge
Yes
Yes
Yes
Yes
Transmission convergence (TC) layer
—
—
—
—
Inverse multiplexing for ATM (IMA)
—
—
—
—
Universal serial bus (USB) 2.0 full/low rate
1
1
1
1
Security engine (SEC)
Yes
Yes
—
—
Table 2. MPC8272 PowerQUICC II Device Packages
Code
(Package)
VR
(516 PBGA—Lead free)
ZQ
(516 PBGA—Lead spheres)
Device
MPC8272VR
MPC8272ZQ
MPC8248VR
MPC8248ZQ
MPC8271VR
MPC8271ZQ
MPC8247VR
MPC8247ZQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com