Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8248VRB Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC8248VRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8248VRB Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC8248VRB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
Freescale Semiconductor
19
AC Electrical Characteristics
Figure 8 shows PIO and timer signals.
Figure 8. PIO and Timer Signal Diagram
6.2
SIU AC Characteristics
Table 11 lists SIU input characteristics.
NOTE: CLKIN Jitter and Duty Cycle
The CLKIN input to the MPC8272 should not exceed +/– 150 psec. This
represents total input jitter—the combination of short term (peak-to-peak)
and long term (cumulative). The duty cycle of CLKIN should not exceed the
ratio of 40:60.
NOTE: Spread Spectrum Clocking
Spread spectrum clocking is allowed with 1% input frequency down-spread
at maximum 60 KHz modulation rate regardless of input frequency.
NOTE: PCI AC Timing
The MPC8272 meets the timing requirements of PCI Specification Revision
2.2. Refer to Section 7, “Clock Configuration Modes” and “Note: Tval
(Output Hold)” to determine if a specific clock configuration is compliant.
Sys clk
PIO/IDMA/TIMER[TGATE assertion] input signals
IDMA output signals
sp22
sp23
sp42/sp43
TIMER(sp42/43)/ PIO(sp42a/sp43a)
sp42a/sp43a
output signals
sp42/sp43
TIMER input signal [TGATE deassertion]
sp22
sp23
Note: TGATE is asserted on the rising edge of the clock; it is deasserted on the falling edge.
(See note)
(See note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com