Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8248VRB Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8248VRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8248VRB Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8248VRB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
10
Freescale Semiconductor
DC Electrical Characteristics
IOL = 5.3mA
CS[0-5]
CS6/BCTL1/SMI
CS7/TLBSYNC
BADDR27/ IRQ1
BADDR28/ IRQ2
ALE/ IRQ4
BCTL0
PWE[0–7]/PSDDQM[0–7]/PBS[0–7]
PSDA10/PGPL0
PSDWE/PGPL1
POE/PSDRAS/PGPL2
PSDCAS/PGPL3
PGTA/PUPMWAIT/PGPL4
PSDAMUX/PGPL5
PCI_CFG0 (PCI_HOST_EN)
PCI_CFG1 (PCI_ARB_EN)
PCI_CFG2 (DLL_ENABLE)
MODCK1/RSRV/TC(0)/BNKSEL(0)
MODCK2/CSE0/TC(1)/BNKSEL(1)
MODCK3/CSE1/TC(2)/BNKSEL(2)
IOL = 3.2mA
PCI_PAR
PCI_FRAME
PCI_TRDY
PCI_IRDY
PCI_STOP
PCI_DEVSEL
PCI_IDSEL
PCI_PERR
PCI_SERR
PCI_REQ0
PCI_REQ1/ CPI_HS_ES
PCI_GNT0
PCI_GNT1/ CPI_HS_LES
PCI_GNT2/ CPI_HS_ENUM
PCI_RST
PCI_INTA
PCI_REQ2
DLLOUT
PCI_AD(0-31)
PCI_C(0–3)/BE(0-3)
PA[8–31]
PB[18–31]
PC[0–1,4–29]
PD[7–25, 29–31]
TDO
VOL
—0.4
V
1
The default configuration of the CPM pins (PA[8–31], PB[18–31], PC[0–1,4–29], PD[7–25, 29–31]) is input. To prevent
excessive DC current, it is recommended either to pull unused pins to GND or VDDH, or to configure them as outputs.
2
TCK, TRST and PORESET have min VIH = 2.5V
3
VIL for IIC interface does not match IIC standard, but does meet IIC standard for VOL and should not cause any compatibility
issue.
Table 5. DC Electrical Characteristics 1 (continued)
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com