Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8248VRB Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8248VRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8248VRB Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8248VRB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
Freescale Semiconductor
13
Thermal Characteristics
4.4
Estimation Using Simulation
When the board temperature is not known, a thermal simulation of the application is needed. The simple
two-resistor model can be used with the thermal simulation of the application, or a more accurate and
complex model of the package can be used in the thermal simulation.
4.5
Experimental Determination
To determine the junction temperature of the device in the application after prototypes are available, the
thermal characterization parameter (
ΨJT) can be used to determine the junction temperature with a
measurement of the temperature at the top center of the package case using the following equation:
TJ = TT + (ΨJT × PD)
where:
Ψ
JT = thermal characterization parameter
TT = thermocouple temperature on top of package
PD = power dissipation in package
The thermal characterization parameter is measured per JEDEC JESD51-2 specification using a 40 gauge
type T thermocouple epoxied to the top center of the package case. The thermocouple should be positioned
so that the thermocouple junction rests on the package. A small amount of epoxy is placed over the
thermocouple junction and over 1 mm of wire extending from the junction. The thermocouple wire is
placed flat against the case to avoid measurement errors caused by cooling effects of the thermocouple
wire.
4.6
Layout Practices
Each VDD and VDDH pin should be provided with a low-impedance path to the board’s power supplies.
Each ground pin should likewise be provided with a low-impedance path to ground. The power supply pins
drive distinct groups of logic on chip. The VDD and VDDH power supplies should be bypassed to ground
using by-pass capacitors located as close as possible to the four sides of the package. For filtering high
frequency noise, a capacitor of 0.1uF on each VDD and VDDH pin is recommended. Further, for medium
frequency noise, a total of 2 capacitors of 47uF for VDD and 2 capacitors of 47uF for VDDH are also
recommnded. The capacitor leads and associated printed circuit traces connecting to chip VDD, VDDH
and ground should be kept to less than half an inch per capacitor lead. Boards should employ separate inner
layers for power and GND planes.
All output pins on the MPC8272 have fast rise and fall times. Printed circuit (PC) trace interconnection
length should be minimized to minimize overdamped conditions and reflections caused by these fast
output switching times. This recommendation particularly applies to the address and data buses. Maximum
PC trace lengths of six inches are recommended. Capacitance calculations should consider all device loads
as well as parasitic capacitances due to the PC traces. Attention to proper PCB layout and bypassing
becomes especially critical in systems with higher capacitive loads because these loads create higher
transient currents in the VDD and GND circuits. Pull up all unused inputs or signals that will be inputs
during reset. Special care should be taken to minimize the noise levels on the PLL supply pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com