Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8248VRB Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC8248VRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8248VRB Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC8248VRB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8248VRB Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
8
Freescale Semiconductor
DC Electrical Characteristics
This device contains circuitry protecting against damage due to high static voltage or electrical fields;
however, it is advised that normal precautions be taken to avoid application of any voltages higher than
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage level (either GND or VCC).
Figure 2 shows the undershoot and overshoot voltage of the 60x bus memory interface of the MPC8272.
Note that in PCI mode the I/O interface is different.
Figure 2. Overshoot/Undershoot Voltage
3
DC Electrical Characteristics
Table 5 shows DC electrical characteristics.
Junction temperature (maximum)
Tj
105 2
°C
Ambient temperature
TA
0–702
°C
1
Caution: These are the recommended and tested operating conditions. Proper operation outside of these conditions
is not guaranteed.
2
Note that for extended temperature parts the range is (-40)T
A
– 105Tj.
Table 5. DC Electrical Characteristics 1
Characteristic
Symbol
Min
Max
Unit
Input high voltage—
all inputs except TCK, TRST and PORESET 2
VIH
2.0
3.465
V
Input low voltage 3
VIL
GND
0.8
V
CLKIN input high voltage
VIHC
2.4
3.465
V
CLKIN input low voltage
VILC
GND
0.4
V
Input leakage current, VIN = VDDH
4
IIN
—10
µA
Hi-Z (off state) leakage current, VIN = VDDH
4
IOZ
—10
µA
Signal low input current, VIL = 0.8 V
IL
—1
µA
Table 4. Recommended Operating Conditions 1 (continued)
Rating
Symbol
Value
Unit
GND
GND – 0.3 V
GND – 1.0 V
Not to exceed 10%
GVDD
of tSDRAM_CLK
GVDD + 5%
4 V
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com